Electronic Components Datasheet Search
  English  ▼

X  

MAX16929BGUI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16929BGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929BGUI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16929BGUI Datasheet HTML 6Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 7Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 8Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 9Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 10Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 11Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 12Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 13Page - Maxim Integrated Products MAX16929BGUI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
���������������������������������������������������������������� Maxim Integrated Products 10
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
Pin Configuration
Pin Description
PIN
NAME
FUNCTION
1
ENP
Boost Circuitry and 1.8V/3.3V Regulator Controller Enable Input. ENP has an internal 500kI pulldown
resistor. Drive high for normal operation and drive low to place the device (except buck converter) in
shutdown.
2
DR
1.8V or 3.3V Regulator Output. DR has a 4.5mA (min) drive capability. For greater output current capa-
bility, use an external npn bipolar transistor whose base is connected to DR.
3
FB
1.8V or 3.3V Regulator Feedback Input. FB is regulated to 1.8V or 3.3V. Connect FB to DR when power-
ing loads demanding less than 4.5mA. For greater output current capability, use an external npn bipo-
lar transistor whose emitter is connected to FB.
4
GATE
External p-Channel FET Gate Drive. GATE is an open-drain driver connected to the gate of the external
input series p-channel FET. Connect a pullup resistor between GATE and INA. During a fault condition,
the gate driver turns off and the pullup resistor turns off the FET.
5
PGNDP
Boost Converter Power Ground
6
LXP
Boost Converter Switching Node. Connect LXP to the inductor and catch diode of the boost converter.
7
INA
Boost Circuitry and 1.8V/3.3V Regulator Controller Power Input. Connect INA to a 3V to 5.5V supply.
8
COMPV
Boost Error Amplifier Compensation Connection. Connect a compensation network between COMPV to
GND.
9
FBP
Boost Converter Feedback Input. FBP is regulated to 1V. Connect FBP to the center of a resistive divid-
er connected between the boost output and GND.
TOP VIEW
TSSOP
25
4
FBGH
GATE
26
3
FBGL
FB
27
2
REF
DR
28
1
SEQ
ENP
22
7
DRVN
INA
23
6
GND
LXP
21
8
GH
COMPV
20
9
CP
FBP
19
10
PGOOD
FBB
18
11
GND
AVL
17
12
ENB
BST
16
13
INB
LXB
24
5
COMPI
PGNDP
15
14
INB
LXB
EP
MAX16929



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com