Electronic Components Datasheet Search
  English  ▼

X  

B7676 Datasheet(PDF) 3 Page - EPCOS

Part # B7676
Description  SAW Duplexer WCDMA/LTE Band IX
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7676 Datasheet(HTML) 3 Page - EPCOS

  B7676 Datasheet HTML 1Page - EPCOS B7676 Datasheet HTML 2Page - EPCOS B7676 Datasheet HTML 3Page - EPCOS B7676 Datasheet HTML 4Page - EPCOS B7676 Datasheet HTML 5Page - EPCOS B7676 Datasheet HTML 6Page - EPCOS B7676 Datasheet HTML 7Page - EPCOS B7676 Datasheet HTML 8Page - EPCOS B7676 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
August 09, 2010
B7676
1767.4 / 1862.4 MHz
SAW Components
SAW Duplexer
Preliminary Data
Please read
cautions and warnings and
important notes at the end of this document.
Application
s
Low-loss SAW duplexer for mobile telephone
WCDMA/LTE Band IX systems
s
Low insertion attenuation
s
Low amplitude ripple
s
Usable passband 35 MHz
s
Single ended to balanced transformation
in Antenna - Rx path
s
Impedance transformation 50
Ω to 100Ω
in Antenna - Rx path
Features
s
Package size 2.5 x 2.0 mm2,
package height 0.74 mm max.
s
RoHS compatible
s
Approx. weight 0.013g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
bottom view
side view
top view
2.5
7
5
1
9
0.55
0.4
0.9
3 2
6
Pin configuration
s
3
TX Input
s
1, 8
RX Output (balanced)
s
6
Antenna
s
2, 4, 5 To be grounded
s
7, 9
To be grounded
3
1
8
4,5,9
6
2,7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com