Electronic Components Datasheet Search
  English  ▼

X  

B7676 Datasheet(PDF) 5 Page - EPCOS

Part # B7676
Description  SAW Duplexer WCDMA/LTE Band IX
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7676 Datasheet(HTML) 5 Page - EPCOS

  B7676 Datasheet HTML 1Page - EPCOS B7676 Datasheet HTML 2Page - EPCOS B7676 Datasheet HTML 3Page - EPCOS B7676 Datasheet HTML 4Page - EPCOS B7676 Datasheet HTML 5Page - EPCOS B7676 Datasheet HTML 6Page - EPCOS B7676 Datasheet HTML 7Page - EPCOS B7676 Datasheet HTML 8Page - EPCOS B7676 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
August 09, 2010
B7676
1767.4 / 1862.4 MHz
SAW Components
SAW Duplexer
Preliminary Data
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω || 4.1 nH
RX terminating impedance:
ZRX = 100 Ω (balanced) || 8.2 nH
TX terminating impedance:
ZTX =50 Ω
Characterisitcs ANT - RX
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1862.4
—
MHz
Maximum insertion attenuation
1844.9
... 1879.9
MHz
2.0
2.4
dB
@fcarrier1847.4 ... 1877.4 MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal(“Powertransferfunction“).Please refer to annotation on page (7).
1.9
2.4
dB
Amplitude ripple(p-p)
1844.9
... 1879.9
MHz
0.6
0.8
dB
@fcarrier1847.4 ... 1877.4 MHz
α
WCDMA
1)
0.5
0.8
dB
Common Mode Rejection Ratio CMRR
1844.9
... 1879.9
MHz
232)
2) A combination of 10o phase balance and 1dB amplitude balance corresponds to 19.6 dB CMRR.
28
dB
Input VSWR (ANT port)
1844.9
... 1879.9
MHz
1.5
2.0
Output VSWR (RX port)
1844.9
... 1879.9
MHz
1.5
2.0
Attenuation
α
10.0
... 1750.0
MHz
35
54
dB
1749.9
... 1784.9
MHz
48
54
dB
@fcarrier1752.4 ... 1782.4 MHz αWCDMA1)
48
55
dB
1965.0
... 2400.0
MHz
15
52
dB
2400.0
... 2484.0
MHz
30
52
dB
2484.0
... 5650.0
MHz
35
42
dB
IMD Product Level Limits3)
at fTX = 1749.9~1784.9 MHz
3) IMD product level limits for power levels PTX=21.5dB (antenna port output power) and PBLOCK-
ER
=-15dBm (antenna port input power).
Blocker 1
95.0
MHz
-130
-105
dBm
Blocker 2
1672.4
MHz
-123
-108
dBm
Blocker 3
3629.8
MHz
-124
-105
dBm
Blocker 4
5397.2
MHz
-129
-108
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com