Electronic Components Datasheet Search
  English  ▼

X  

B7676 Datasheet(PDF) 4 Page - EPCOS

Part # B7676
Description  SAW Duplexer WCDMA/LTE Band IX
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7676 Datasheet(HTML) 4 Page - EPCOS

  B7676 Datasheet HTML 1Page - EPCOS B7676 Datasheet HTML 2Page - EPCOS B7676 Datasheet HTML 3Page - EPCOS B7676 Datasheet HTML 4Page - EPCOS B7676 Datasheet HTML 5Page - EPCOS B7676 Datasheet HTML 6Page - EPCOS B7676 Datasheet HTML 7Page - EPCOS B7676 Datasheet HTML 8Page - EPCOS B7676 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
August 09, 2010
B7676
1767.4 / 1862.4 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Preliminary Data
Characteristics
Temperature range for specification:
T
=
-20˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω || 4.1 nH
RX terminating impedance:
ZRX = 100 Ω (balanced) || 8.2 nH
TX terminating impedance:
ZTX =50 Ω
Characterisitcs TX - ANT
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1767.4
—
MHz
Maximum insertion attenuation
1749.9 ... 1784.9
MHz
1.4
1.9
dB
@fcarrier1752.4 ... 1782.4 MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal(“Powertransferfunction“).Please refer to annotation on page (7).
1.3
1.8
dB
Amplitude ripple(p-p)
1749.9 ... 1784.9
MHz
0.4
0.9
dB
@fcarrier1752.4 ... 1782.4 MHz
α
WCDMA
1)
0.3
0.8
dB
Error Vector Magnitude
@fcarrier1752.4 ... 1782.4 MHz
EVM2)
2) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
1.3
2.0
%
Input VSWR (TX port)
1749.9 ... 1784.9
MHz
1.6
2.0
Output VSWR (ANT port)
1749.9 ... 1784.9
MHz
1.6
2.0
Attenuation
α
10.0
... 1565.42
MHz
30
38
dB
1565.42
... 1573.374 MHz
35
38
dB
1573.374 ... 1577.466 MHz
36
39
dB
1577.466 ... 1585.42
MHz
37
39
dB
1597.5515 ... 1605.886 MHz
39
42
dB
1605.886 ... 1680.0
MHz
25
32
dB
1844.9
... 1879.9
MHz
45
50
dB
@fcarrier 1847.4
... 1877.4
MHz
α
WCDMA
1)
45
51
dB
1884.5
... 1919.6
MHz
40
42
dB
2110.0
... 2170.0
MHz
27
40
dB
2400.0
... 2500.0
MHz
35
41
dB
3500.0
... 3570.0
MHz
20
31
dB
5150.0
... 5355.0
MHz
17
21
dB
5725.0
... 5850.0
MHz
15
19
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com