Electronic Components Datasheet Search
  English  ▼

X  

B7676 Datasheet(PDF) 6 Page - EPCOS

Part # B7676
Description  SAW Duplexer WCDMA/LTE Band IX
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7676 Datasheet(HTML) 6 Page - EPCOS

Back Button B7676 Datasheet HTML 2Page - EPCOS B7676 Datasheet HTML 3Page - EPCOS B7676 Datasheet HTML 4Page - EPCOS B7676 Datasheet HTML 5Page - EPCOS B7676 Datasheet HTML 6Page - EPCOS B7676 Datasheet HTML 7Page - EPCOS B7676 Datasheet HTML 8Page - EPCOS B7676 Datasheet HTML 9Page - EPCOS B7676 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
August 09, 2010
B7676
1767.4 / 1862.4 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Preliminary Data
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω || 4.1 nH
RX terminating impedance:
ZRX = 100 Ω (balanced) || 8.2 nH
TX terminating impedance:
ZTX =50 Ω
Characterisitcs TX - RX
min.
typ.
@ 25 ˚C
max.
Differential Mode Isolation
α
1749.9
... 1784.9
MHz
52
55
dB
@fcarrier1752.4 ... 1782.4 MHz αWCDMA1)
1) Attenuation of WCDMA signal(“Powertransferfunction“).Please refer to annotation on page (7).
53
56
dB
1844.9
... 1879.9
MHz
50
54
dB
@fcarrier1847.4 ... 1877.4 MHz αWCDMA1)
50
55
dB
Common Mode Isolation
α
1749.9
... 1784.9
MHz
53
56
dB
@fcarrier1752.4 ... 1782.4 MHz αWCDMA1)
53
56
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com