Electronic Components Datasheet Search
  English  ▼

X  

B7920 Datasheet(PDF) 7 Page - EPCOS

Part # B7920
Description  SAW Duplexer WCDMA / LTE Band XI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7920 Datasheet(HTML) 7 Page - EPCOS

Back Button B7920 Datasheet HTML 3Page - EPCOS B7920 Datasheet HTML 4Page - EPCOS B7920 Datasheet HTML 5Page - EPCOS B7920 Datasheet HTML 6Page - EPCOS B7920 Datasheet HTML 7Page - EPCOS B7920 Datasheet HTML 8Page - EPCOS B7920 Datasheet HTML 9Page - EPCOS B7920 Datasheet HTML 10Page - EPCOS B7920 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
January 7, 2011
B7920
1437.90 / 1485.90 MHz
SAW Components
SAW Duplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω || 5.6 nH
RX terminating impedance:
ZRX = 100Ω
TX terminating impedance:
ZTX =50 Ω
Characterisitcs ANT - RX
min.
typ.
@ 25 ˚C
max.
Attenuation
α
1
... 1381
MHz
30
64
dB
1381
... 1429
MHz
40
55
dB
1427.9
... 1447.9
MHz
45
55
dB
1453
... 1462
MHz
5
23
dB
1516
... 1560
MHz
3
dB
1560
... 6000
MHz
30
43
dB
IMD Product Level Limits1)
1) IMD product level limits for power levels Pf1=21.5dB (antenna port output power) and Pf2=-
15dBm (antenna port input power).
at f1=1437.9 MHz
f2 = 48 MHz
-130
-106
dBm
f2 = 2*f1 + 48MHz
-122
-106
dBm
f2 = f1 - 48MHz
-111
-106
dBm
f2 = 3*f1 + 48MHz
-130
-106
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com