Electronic Components Datasheet Search
  English  ▼

X  

B7920 Datasheet(PDF) 5 Page - EPCOS

Part # B7920
Description  SAW Duplexer WCDMA / LTE Band XI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7920 Datasheet(HTML) 5 Page - EPCOS

  B7920 Datasheet HTML 1Page - EPCOS B7920 Datasheet HTML 2Page - EPCOS B7920 Datasheet HTML 3Page - EPCOS B7920 Datasheet HTML 4Page - EPCOS B7920 Datasheet HTML 5Page - EPCOS B7920 Datasheet HTML 6Page - EPCOS B7920 Datasheet HTML 7Page - EPCOS B7920 Datasheet HTML 8Page - EPCOS B7920 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
January 7, 2011
B7920
1437.90 / 1485.90 MHz
SAW Components
SAW Duplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω || 5.6 nH
RX terminating impedance:
ZRX = 100Ω
TX terminating impedance:
ZTX =50 Ω
Characterisitcs TX - ANT
min.
typ.
@ 25 ˚C
max.
Attenuation
α
10
... 1350
MHz
30
35
dB
1350
... 1390
MHz
25
29
dB
1390
... 1409
MHz
5
dB
1475.9
... 1495.9
MHz
45
51
dB
1565
... 1585
MHz
40
46
dB
1574
... 1577
MHz
42
47
dB
1597
... 1607
MHz
42
46
dB
1607
... 1680
MHz
25
46
dB
1844.9
... 1879.9
MHz
30
41
dB
1884.5
... 1919.6
MHz
15
40
dB
2010
... 2025
MHz
30
41
dB
2110
... 2170
MHz
30
37
dB
2400
... 2483.5
MHz
30
33
dB
2855.8
... 2905.8
MHz
20
30
dB
4283.7
... 4358.7
MHz
18
24
dB
5150
... 5850
MHz
11
17
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com