Electronic Components Datasheet Search
  English  ▼

X  

B7920 Datasheet(PDF) 6 Page - EPCOS

Part # B7920
Description  SAW Duplexer WCDMA / LTE Band XI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7920 Datasheet(HTML) 6 Page - EPCOS

Back Button B7920 Datasheet HTML 2Page - EPCOS B7920 Datasheet HTML 3Page - EPCOS B7920 Datasheet HTML 4Page - EPCOS B7920 Datasheet HTML 5Page - EPCOS B7920 Datasheet HTML 6Page - EPCOS B7920 Datasheet HTML 7Page - EPCOS B7920 Datasheet HTML 8Page - EPCOS B7920 Datasheet HTML 9Page - EPCOS B7920 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
January 7, 2011
B7920
1437.90 / 1485.90 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data sheet
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω || 5.6 nH
RX terminating impedance:
ZRX = 100Ω
TX terminating impedance:
ZTX =50 Ω
Characterisitcs ANT - RX
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
1485.9
MHz
Maximum insertion attenuation
1475.9
... 1485.9
MHz
2.0
2.5
dB
1485.9
... 1495.9
MHz
1.7
2.5
dB
Amplitude ripple (p-p)
1475.9
... 1495.9
MHz
0.4
1.0
dB
Input VSWR (ANT port)
1475.9
... 1495.9
MHz
1.5
2.0
Output VSWR (RX port)
1475.9
... 1495.9
MHz
1.4
2.0
Common Mode Rejection Ratio CMRR
1475.9
... 1495.9
MHz
201)
1) A combination of 10o phase balance and 1dB amplitude balance corresponds to 19.6 dB CMRR.
27
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com