Electronic Components Datasheet Search
  English  ▼

X  

B7920 Datasheet(PDF) 8 Page - EPCOS

Part # B7920
Description  SAW Duplexer WCDMA / LTE Band XI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7920 Datasheet(HTML) 8 Page - EPCOS

Back Button B7920 Datasheet HTML 4Page - EPCOS B7920 Datasheet HTML 5Page - EPCOS B7920 Datasheet HTML 6Page - EPCOS B7920 Datasheet HTML 7Page - EPCOS B7920 Datasheet HTML 8Page - EPCOS B7920 Datasheet HTML 9Page - EPCOS B7920 Datasheet HTML 10Page - EPCOS B7920 Datasheet HTML 11Page - EPCOS B7920 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
January 7, 2011
B7920
1437.90 / 1485.90 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data sheet
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω || 5.6 nH
RX terminating impedance:
ZRX = 100Ω
TX terminating impedance:
ZTX =50 Ω
Characterisitcs TX - RX
min.
typ.
@ 25 ˚C
max.
Differential Mode Isolation
α
1427.9
... 1447.9
MHz
53
58
dB
1475.9
... 1495.9
MHz
50
58
dB
1574
... 1577
MHz
30
75
dB
2855.8
... 2905.8
MHz
30
63
dB
4283.7
... 4358.7
MHz
25
57
dB
Common mode Isolation
1427.9
... 1447.9
MHz
46
50
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com