Electronic Components Datasheet Search
  English  ▼

X  

B7923 Datasheet(PDF) 8 Page - EPCOS

Part # B7923
Description  SAW Duplexer Cellular / WCDMA Band V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7923 Datasheet(HTML) 8 Page - EPCOS

Back Button B7923 Datasheet HTML 4Page - EPCOS B7923 Datasheet HTML 5Page - EPCOS B7923 Datasheet HTML 6Page - EPCOS B7923 Datasheet HTML 7Page - EPCOS B7923 Datasheet HTML 8Page - EPCOS B7923 Datasheet HTML 9Page - EPCOS B7923 Datasheet HTML 10Page - EPCOS B7923 Datasheet HTML 11Page - EPCOS B7923 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
January 26, 2011
B7923
836.50 / 881.50 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data Sheet
Maximum ratings
Annotation for characteristics section
Attenuation of WCDMA signal (“Powertransferfunction”,
α
WCDMA) is determined by
fCarrier according to 3GPP TS 25.101 (e.g. for WCDMA Band 5-Passband, fCarrier ranges from
826.4 MHz (lowest Tx channel) to 846.6 MHz (highest Tx channel)). HRRC(f) is the transfer func-
tion of the root-raised cosine transmit pulse shaping filter according to 3GPP TS 25.101 with the
following normalization:
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
1001)
1) Acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power at
PIN
source and load impedance 50
Ω
824.0 ... 849.0 MHz
elsewhere
28
10
dBm
dBm
continuous wave
T = 50˚C, 5.000 h
}
S
s
d 21 f
( )H
RRC f
f
Carrier
–
(
)
2
f
d
∞
–
∞
∫
H
RRC f
( )
2
f
1
=
d
∞
–
∞
∫



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com