Electronic Components Datasheet Search
  English  ▼

X  

B7923 Datasheet(PDF) 6 Page - EPCOS

Part # B7923
Description  SAW Duplexer Cellular / WCDMA Band V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7923 Datasheet(HTML) 6 Page - EPCOS

Back Button B7923 Datasheet HTML 2Page - EPCOS B7923 Datasheet HTML 3Page - EPCOS B7923 Datasheet HTML 4Page - EPCOS B7923 Datasheet HTML 5Page - EPCOS B7923 Datasheet HTML 6Page - EPCOS B7923 Datasheet HTML 7Page - EPCOS B7923 Datasheet HTML 8Page - EPCOS B7923 Datasheet HTML 9Page - EPCOS B7923 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
January 26, 2011
B7923
836.50 / 881.50 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data Sheet
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=
50
Ω ll 11 nH2)
RX terminating impedance:
ZRX = 100 Ω + 2 nH (balanced) 2)
TX terminating impedance:
ZTX =
50
Ω
Characteristics ANT - RX
min.
typ.
@ 25 ˚C
max.
IMD product level limits1)
at fTX = 836.5 MHz fRX = 881.5 MHz
1) Power levels: 21.5 dBm Tx signal, -15dBm blocker at antenna port.
Blocker 1
45.0
MHz
-135
-106
dBm
Blocker 2
791.5
MHz
-112
-109
dBm
Blocker 3
1718.0
MHz
-92
-89
dBm
Blocker 4
2554.5
MHz
-120
-109
dBm
Attenuation
α
10.0
...
447.0
MHz
45
85
dB
447.0
...
824.0
MHz
30
68
dB
824.0
...
849.0
MHz
55
63
dB
849.0
...
854.0
MHz
10
48
dB
909.0
...
1000.0
MHz
13
25
dB
1000.0
...
1850.0
MHz
28
66
dB
1850.0
...
1920.0
MHz
40
67
dB
1920.0
...
6000.0
MHz
35
632)
2) Please refer to recommended matching circuit on page (9).
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com