Electronic Components Datasheet Search
  English  ▼

X  

B7923 Datasheet(PDF) 5 Page - EPCOS

Part # B7923
Description  SAW Duplexer Cellular / WCDMA Band V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7923 Datasheet(HTML) 5 Page - EPCOS

  B7923 Datasheet HTML 1Page - EPCOS B7923 Datasheet HTML 2Page - EPCOS B7923 Datasheet HTML 3Page - EPCOS B7923 Datasheet HTML 4Page - EPCOS B7923 Datasheet HTML 5Page - EPCOS B7923 Datasheet HTML 6Page - EPCOS B7923 Datasheet HTML 7Page - EPCOS B7923 Datasheet HTML 8Page - EPCOS B7923 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
January 26, 2011
B7923
836.50 / 881.50 MHz
SAW Components
SAW Duplexer
Data Sheet
Please read cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=
50
Ω ll 11 nH4)
RX terminating impedance:
ZRX = 100 Ω + 2 nH (balanced)4)
TX terminating impedance:
ZTX =
50
Ω
Characteristics ANT - RX
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
881.5
MHz
Maximum insertion attenuation
α
max
869.0
...
894.0
MHz
1.8
2.7
dB
@fCarrier 871.4 ...
891.6
MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (8).
1.8
2.42)
2) Temperature range for this parameter is -20oC to +85oC.
dB
Amplitude ripple (p-p)
∆α
869.0
...
894.0
MHz
0.7
1.5
dB
@fCarrier 871.4 ...
891.6
MHz
α
WCDMA
1)
0.5
1.02)
dB
Input VSWR (ANT port)
869.0
...
894.0
MHz
1.7
2.2
Output VSWR (RX port)
869.0
...
894.0
MHz
1.9
2.3
Common mode rejection ratio
869.0
...
894.0
MHz CMRR
233)
3) A combination of 10o phase balance and 1 dB amplitude balance corresponds to 19.6 dB CMRR
35
a4)
4) Please refer to recommended matching circuit on page (9).
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com