Electronic Components Datasheet Search
  English  ▼

X  

B7923 Datasheet(PDF) 4 Page - EPCOS

Part # B7923
Description  SAW Duplexer Cellular / WCDMA Band V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7923 Datasheet(HTML) 4 Page - EPCOS

  B7923 Datasheet HTML 1Page - EPCOS B7923 Datasheet HTML 2Page - EPCOS B7923 Datasheet HTML 3Page - EPCOS B7923 Datasheet HTML 4Page - EPCOS B7923 Datasheet HTML 5Page - EPCOS B7923 Datasheet HTML 6Page - EPCOS B7923 Datasheet HTML 7Page - EPCOS B7923 Datasheet HTML 8Page - EPCOS B7923 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
January 26, 2011
B7923
836.50 / 881.50 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data Sheet
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=
50
Ω ll 11 nH1)
RX terminating impedance:
ZRX = 100 Ω + 2 nH (balanced) 1)
TX terminating impedance:
ZTX =
50
Ω
Characteristics TX - ANT
min.
typ.
@ 25 ˚C
max.
Absolute attenuation
α
10.0
...
420.0
MHz
30
48
dB
420.0
...
494.0
MHz
40
45
dB
494.0
...
701.0
MHz
30
42
dB
701.0
...
728.0
MHz
35
43
dB
728.0
...
764.0
MHz
40
44
dB
764.0
...
804.0
MHz
30
40
dB
860.0
...
869.0
MHz
3
22
dB
869.0
...
894.0
MHz
44
56
dB
1565.42
...
1573.374 MHz
35
49
dB
1573.374
...
1577.466 MHz
40
49
dB
1577.466
...
1585.42
MHz
35
49
dB
1597.5515 ...
1605.886 MHz
40
48
dB
1638.0
...
1708.0
MHz
20
45
dB
1844.9
...
1879.9
MHz
30
42
dB
1884.5
...
1919.6
MHz
30
41
dB
1930.0
...
1990.0
MHz
35
40
dB
2110.0
...
2170.0
MHz
33
38
dB
2400.0
...
2557.0
MHz
30
34
dB
3286.0
...
3406.0
MHz
20
30
dB
4110.0
...
4255.0
MHz
20
26
dB
4934.0
...
5350.0
MHz
10
25
dB
5725.0
...
5953.0
MHz
a1)
1) Please refer to recommended matching circuit on page (9).
7
14
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com