Electronic Components Datasheet Search
  English  ▼

X  

B7924 Datasheet(PDF) 7 Page - EPCOS

Part # B7924
Description  SAW Duplexer LTE Band 17
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7924 Datasheet(HTML) 7 Page - EPCOS

Back Button B7924 Datasheet HTML 3Page - EPCOS B7924 Datasheet HTML 4Page - EPCOS B7924 Datasheet HTML 5Page - EPCOS B7924 Datasheet HTML 6Page - EPCOS B7924 Datasheet HTML 7Page - EPCOS B7924 Datasheet HTML 8Page - EPCOS B7924 Datasheet HTML 9Page - EPCOS B7924 Datasheet HTML 10Page - EPCOS B7924 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
March 23, 2011
B7924
710.0 / 740.0 MHz
SAW Components
SAW Duplexer
Preliminary data
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –15 ˚C to +85 ˚C
TX terminating impedance:
ZTx =50 Ω
ANT terminating impedance:
ZAnt =50 Ω || 10nH
RX teminating impedance:
ZRx = 100 Ω (balanced) || 82nH
Maximum Ratings
Development status1)
1) Values in columns min., typ. and max. indicate the development status of the current version.
DGL2)
2) Values in column DesignGoal (DGL) indicate the target performance.
Characteristics Tx-Rx
min.
typ.
@ 25 ˚C
max.
min./
max.
Differential mode isolation
α
704.0
...
716.0
MHz
60
66
-
dB
734.0
...
738.0
MHz
58
62
-
60
dB
738.0
...
742.0
MHz
55
63
-
dB
742.0
...
748.0
MHz
55
61
-
dB
1408.0
... 1432.0
MHz
30
74
-
dB
2112.0
... 2148.0
MHz
30
64
-
dB
2816.0
... 2864.0
MHz
30
62
-
dB
Common mode isolation
α
704.0
...
716.0
MHz
48
52
-
55
dB
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
1001)
1) According to JESD22-A115A (machine model), 1 negative and 1 positive pulses.
V
machine model, 1 pulse
Input power at Tx Port
704.0 ...716.0 MHz
Pin
29
dBm
continuous wave
elsewhere
Pin
10
dBm
55 ˚C, 50000h
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com