Electronic Components Datasheet Search
  English  ▼

X  

B7924 Datasheet(PDF) 6 Page - EPCOS

Part # B7924
Description  SAW Duplexer LTE Band 17
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7924 Datasheet(HTML) 6 Page - EPCOS

Back Button B7924 Datasheet HTML 2Page - EPCOS B7924 Datasheet HTML 3Page - EPCOS B7924 Datasheet HTML 4Page - EPCOS B7924 Datasheet HTML 5Page - EPCOS B7924 Datasheet HTML 6Page - EPCOS B7924 Datasheet HTML 7Page - EPCOS B7924 Datasheet HTML 8Page - EPCOS B7924 Datasheet HTML 9Page - EPCOS B7924 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
March 23, 2011
B7924
710.0 / 740.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Preliminary data
Characteristics
Temperature range for specification:
T
= –20˚C to +85 ˚C
TX terminating impedance:
ZTx =50 Ω
ANT terminating impedance:
ZAnt =50 Ω || 10nH
RX teminating impedance:
ZRx = 100 Ω (balanced) || 82nH
Development status1)
1)
Values in columns min., typ. and max. indicate the development status of the current version.
DGL2)
2)
Values in column DesignGoal (DGL) indicate the target performance.
Characteristics Antenna-Rx
min.
typ.
@ 25 ˚C
max.
min./
max.
Center frequency
fc
-
740
-
MHz
Maximum insertion attenuation
α
734.0
...
734.5
MHz
-
2.4
2.73)
3) Value in temperature range 0 ˚C to +85 ˚C. In temperature range –20 ˚C to +85 ˚C maximum is 3.2dB
dB
734.5
...
746.0
MHz
-
2.4
2.7
dB
Amplitude ripple (p-p)
∆α
734.0
...
746.0
MHz
-
0.6
1.6
dB
Input VSWR (Ant port)
734.0
...
746.0
MHz
-
1.5
2.0
Output VSWR (Rx Port)
734.0
...
746.0
MHz
-
1.7
2.0
Common mode rejection ratio
734.0
...
746.0
MHz
23
30
-dB
Absolute attenuation
α
10.0
...
674.0
MHz
35
72
-dB
674.0
...
686.0
MHz
53
72
-dB
686.0
...
704.0
MHz
35
70
-dB
704.0
...
716.0
MHz
50
61
-55
dB
716.0
...
722.0
MHz
40
58
-dB
722.0
...
724.0
MHz
30
58
-dB
724.0
...
727.0
MHz
15
35
-17
dB
727.0
...
728.0
MHz
10
29
-dB
776.0
...
805.0
MHz
35
49
-dB
1000.0
... 2300.0
MHz
40
62
-dB
2300.0
... 2690.0
MHz
50
60
-dB
2690.0
... 3300.0
MHz
40
58
-dB
3300.0
... 3800.0
MHz
48
56
-dB
3800.0
... 5150.0
MHz
40
52
-dB
5150.0
... 5850.0
MHz
41
52
-dB
5850.0
... 6000.0
MHz
40
51
-dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com