Electronic Components Datasheet Search
  English  ▼

X  

B7924 Datasheet(PDF) 5 Page - EPCOS

Part # B7924
Description  SAW Duplexer LTE Band 17
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7924 Datasheet(HTML) 5 Page - EPCOS

  B7924 Datasheet HTML 1Page - EPCOS B7924 Datasheet HTML 2Page - EPCOS B7924 Datasheet HTML 3Page - EPCOS B7924 Datasheet HTML 4Page - EPCOS B7924 Datasheet HTML 5Page - EPCOS B7924 Datasheet HTML 6Page - EPCOS B7924 Datasheet HTML 7Page - EPCOS B7924 Datasheet HTML 8Page - EPCOS B7924 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
March 23, 2011
B7924
710.0 / 740.0 MHz
SAW Components
SAW Duplexer
Preliminary data
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
TX terminating impedance:
ZTx =50 Ω
ANT terminating impedance:
ZAnt =50 Ω || 10 nH
RX teminating impedance:
ZRx = 100 Ω (balanced) || 82nH
Development status1)
1) Values in columns min., typ. and max. indicate the development status of the current version.
DGL2)
2) Values in column DesignGoal (DGL) indicate the target performance.
Characteristics Tx-Antenna
min.
typ.
@ 25 ˚C
max.
min./
max.
Absolute attenuation
α
10.0
...
692.0
MHz
30
46
-
dB
692.0
...
698.0
MHz
3
12
-
4
dB
722.0
...
728.0
MHz
5
12
-
6
dB
728.0
...
734.0
MHz
27
32
-
dB
734.0
...
746.0
MHz
50
60
-
dB
746.0
...
768.0
MHz
30
49
-
dB
768.0
...
805.0
MHz
25
45
-
dB
869.0
...
894.0
MHz
30
45
-
dB
1408.0
... 1432.0
MHz
30
51
-
dB
1565.0
... 1607.0
MHz
42
46
-
45
dB
1930.0
... 1990.0
MHz
35
40
-
dB
2110.0
... 2130.0
MHz
27
40
-
dB
2130.0
... 2170.0
MHz
35
40
-
dB
2300.0
... 2400.0
MHz
30
38
-
dB
2400.0
... 2497.0
MHz
32
37
-
dB
2497.0
... 2690.0
MHz
20
36
-
dB
2816.0
... 2864.0
MHz
20
35
-
dB
3300.0
... 3800.0
MHz
20
34
-
dB
4224.0
... 4296.0
MHz
20
32
-
dB
4928.0
... 5012.0
MHz
12
17
-
dB
5150.0
... 5632.0
MHz
12
17
-
dB
5632.0
... 5728.0
MHz
14
19
-
dB
5728.0
... 5850.0
MHz
14
20
-
dB
5850.0
... 6000.0
MHz
14
20
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com