Electronic Components Datasheet Search
  English  ▼

X  

B7924 Datasheet(PDF) 4 Page - EPCOS

Part # B7924
Description  SAW Duplexer LTE Band 17
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7924 Datasheet(HTML) 4 Page - EPCOS

  B7924 Datasheet HTML 1Page - EPCOS B7924 Datasheet HTML 2Page - EPCOS B7924 Datasheet HTML 3Page - EPCOS B7924 Datasheet HTML 4Page - EPCOS B7924 Datasheet HTML 5Page - EPCOS B7924 Datasheet HTML 6Page - EPCOS B7924 Datasheet HTML 7Page - EPCOS B7924 Datasheet HTML 8Page - EPCOS B7924 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
March 23, 2011
B7924
710.0 / 740.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Preliminary data
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
TX terminating impedance:
ZTx =50 Ω
ANT terminating impedance:
ZAnt =50 Ω || 10 nH
RX teminating impedance:
ZRx = 100 Ω (balanced) || 82 nH
Development status1)
1) Values in columns min., typ. and max. indicate the development status of the current version.
DGL2)
2) Values in column DesignGoal (DGL) indicate the target performance.
Characteristics Tx-Antenna
min.
typ.
@ 25 ˚C
max.
min./
max.
Center frequency
fc
710.0
MHz
Maximum insertion attenuation
α
704.0
...
716.0
MHz
-
1.5
2.5
dB
Amplitude ripple (p-p)
∆α
704.0
...
716.0
MHz
-
0.5
1.8
dB
Error Vector Magnitude
@ fCarrier 706.4 ...
712.0
MHz EVM3)
3) Error Vector Magnitude (EVM) based on definition in 3GPP TS 25.141
-
1.4
3
%
@ fCarrier 712.0 ...
713.6
MHz EVM4)
4) Error Vector Magnitude (EVM) based on definition in 3GPP TS 25.141
-
1.3
4.5
%
Input VSWR (Tx port)
704.0
...
716.0
MHz
-
1.5
2.0
Output VSWR (Ant Port)
704.0
...
716.0
MHz
-
1.6
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com