Electronic Components Datasheet Search
  English  ▼

X  

E649 Datasheet(PDF) 5 Page - Semtech Corporation

Part # E649
Description  Octal Pin Electronics Driver/Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E649 Datasheet(HTML) 5 Page - Semtech Corporation

  E649 Datasheet HTML 1Page - Semtech Corporation E649 Datasheet HTML 2Page - Semtech Corporation E649 Datasheet HTML 3Page - Semtech Corporation E649 Datasheet HTML 4Page - Semtech Corporation E649 Datasheet HTML 5Page - Semtech Corporation E649 Datasheet HTML 6Page - Semtech Corporation E649 Datasheet HTML 7Page - Semtech Corporation E649 Datasheet HTML 8Page - Semtech Corporation E649 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge649
Circuit Description (continued)
Driver Output Protection
In a functional testing environment, where a resistor is
added in series with the driver output, the Edge649 can
withstand a short to any legal DUT voltage for an indefinite
amount of time.
In a low impedance application with no additional output
series resistance, care must be exercised and systems
should be designed to check for this condition and tristate
the driver if a short is detected.
Receiver Functionality
Edge649 suppor ts programmable thresholds per
channel. There are no shared lines between comparators.
THRESHOLD is a high input impedance analog input
which defines a logical “1” and “0” at the DUT (see
Figure 4).
If the DUT voltage is more positive than
THRESHOLD, DATA OUT will be high. With DUT lower
than THRESHOLD, DATA OUT will be low.
Figure 4. Receiver Functionality
DATA OUT
DUT
DUT
THRESHOLD
THRESHOLD
DATA OUT
Tpd
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com