Electronic Components Datasheet Search
  English  ▼

X  

E649 Datasheet(PDF) 1 Page - Semtech Corporation

Part # E649
Description  Octal Pin Electronics Driver/Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E649 Datasheet(HTML) 1 Page - Semtech Corporation

  E649 Datasheet HTML 1Page - Semtech Corporation E649 Datasheet HTML 2Page - Semtech Corporation E649 Datasheet HTML 3Page - Semtech Corporation E649 Datasheet HTML 4Page - Semtech Corporation E649 Datasheet HTML 5Page - Semtech Corporation E649 Datasheet HTML 6Page - Semtech Corporation E649 Datasheet HTML 7Page - Semtech Corporation E649 Datasheet HTML 8Page - Semtech Corporation E649 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
EDGE HIGH-PERFORMANCE PRODUCTS
1
www.semtech.com
Edge649
Octal Pin Electronics
Driver/Receiver
Description
Features
Functional Block Diagram
Applications
Revision 1/ October 28, 1996
The Edge649 is an octal pin electronics driver and
receiver combination fabricated in a high- performance
CMOS process.
It is designed for automatic test
equipment and instrumentation where cost, functional
density, and power are all at a premium.
The Edge649 incor porates eight channels of
programmable drivers and receivers into one package.
Each channel has per pin driver levels, receiver threshold,
and tristate control.
The 11V driver output and receiver input range allows
the Edge649 to interface directly between TTL, ECL,
CMOS (3V, 5V, and 8V), and custom level circuitry.
The Edge649 is pin and functionally compatible with the
EDGE648, with the following performance differences:
• reduced driver preshoot
• faster driver propagation delay
• superior driver pulse width distortion
• higher driver Fmax operation
• slightly slower driver output slew rates
• higher comparator Fmax operation
• lower comparator propagation delay
• superior comparator pulse width
distortion.
• 50 MHz Operation
• 11 V DUT I/O Range
• Programmable Output Levels
• Programmable Input Thresholds
• Per Pin Flexibility
• High Integration Levels
• 615 mW Quiescent Power Dissipation
• Edge648 Compatible
• Burn-In ATE
• Functional Board Testers
• In-Circuit Board Testers
• Combinational Board Testers
• Low Cost Chip Testers
• ASIC Verifiers
• VXI-Based Test Equipment
8
8
8
8
8
8
8
+
–
VHIGH
VLOW
DUT
THRESHOLD
DATA IN
DVR EN*
DATA OUT


Similar Part No. - E649

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E649APJ SEMTECH-E649APJ Datasheet
150Kb / 16P
Octal Pin Electronics Driver/Receiver
More results

Similar Description - E649

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E749BPJ SEMTECH-E749BPJ Datasheet
104Kb / 14P
Octal Pin Electronics Driver/Receiver
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
Octal 18V Pin Electronics Driver/window Comparator
EDGE749 SEMTECH-EDGE749 Datasheet
104Kb / 14P
Octal Pin Electronics Driver/Receiver
logo
National Semiconductor ...
DS3890 NSC-DS3890 Datasheet
148Kb / 8P
Octal Trapezoidal Driver / Octal TRI-STATE Receiver
logo
Semtech Corporation
EDGE649 SEMTECH-EDGE649 Datasheet
150Kb / 16P
Octal Pin Electronics Driver/Receiver
EDGE749 SEMTECH-EDGE749_02 Datasheet
152Kb / 15P
Octal Pin Electronics Driver/Receiver
EDGE818 SEMTECH-EDGE818 Datasheet
126Kb / 15P
Octal 18V Pin Electronics Driver/window Comparator
EDGE819 SEMTECH-EDGE819 Datasheet
84Kb / 10P
Octal, 18V Pin Electronics Driver
EDGE211 SEMTECH-EDGE211 Datasheet
83Kb / 12P
Dual Pin Electronics Driver
E7765 SEMTECH-E7765 Datasheet
271Kb / 24P
1.3 GHz Quad Pin Electronics Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com