Electronic Components Datasheet Search
  English  ▼

X  

E649 Datasheet(PDF) 12 Page - Semtech Corporation

Part # E649
Description  Octal Pin Electronics Driver/Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E649 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button E649 Datasheet HTML 6Page - Semtech Corporation E649 Datasheet HTML 7Page - Semtech Corporation E649 Datasheet HTML 8Page - Semtech Corporation E649 Datasheet HTML 9Page - Semtech Corporation E649 Datasheet HTML 10Page - Semtech Corporation E649 Datasheet HTML 11Page - Semtech Corporation E649 Datasheet HTML 12Page - Semtech Corporation E649 Datasheet HTML 13Page - Semtech Corporation E649 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge649
DC Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
i
Mp
y
Tx
a
Ms
t
i
n
U
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
e
v
i
e
c
e
R
/
r
e
v
i
r
D
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
OV
H
G
I
H
V
-
W
O
L
01
1V
)
1
e
t
o
N
(
t
n
e
r
r
u
C
t
u
p
t
u
O
r
e
v
i
r
D
C
DI
T
U
O
5
2
1
-5
2
1
+A
m
e
c
n
a
d
e
p
m
I
t
u
p
t
u
OR
T
U
O
38
2
1
Ω
e
c
n
a
t
i
c
a
p
a
C
n
i
P
T
U
DC
T
U
O
0
2F
p
e
g
a
t
l
o
v
t
u
p
t
u
O
T
U
D>
7
:
0
<
T
U
DE
E
VC
C
VV
l
e
v
e
L
d
l
o
h
s
e
r
h
T
r
e
v
i
e
c
e
RV
D
L
O
H
S
E
R
H
T
1
.
0
+
E
E
V5
.
1
-
C
C
VV
t
n
e
r
r
u
C
s
a
i
B
d
l
o
h
s
e
r
h
T
00
.
1A
µ
t
n
e
r
r
u
C
t
u
p
n
I
e
g
a
k
a
e
L
T
U
DI
S
A
I
B
2
0
0
.0
.
1A
µ
e
g
a
t
l
o
V
t
e
s
f
f
O
r
e
v
i
e
c
e
RS
O
V0
0
1
-5
2
+0
0
1V
m
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
e
i
u
Q
y
l
p
p
u
S
r
e
w
o
P
e
v
i
t
i
s
o
P
y
l
p
p
u
S
r
e
w
o
P
e
v
i
t
a
g
e
N
y
l
p
p
u
S
r
e
w
o
P
l
a
t
i
g
i
D
C
C
I
E
E
I
D
D
I
5
2
5
2
0
2
0
4
0
4
5
3
A
m
A
m
A
m
m
o
o
r
d
a
e
H
r
e
v
i
r
D
E
E
V
o
t
h
g
i
H
r
e
v
i
r
D
C
C
V
o
t
w
o
L
r
e
v
i
r
D
V
H
G
I
H
V
-
E
E
V
-
C
C
V
W
O
L
5
.
2
0
.
3
V
V
s
t
u
p
n
I
l
a
t
i
g
i
D
)
7
:
0
(
*
N
E
R
V
D
,
)
7
:
0
(
N
I
A
T
A
D
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IH
I
V
N
I
M
0
.
2V
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IL
I
V
X
A
M
8
.
0V
t
n
e
r
r
u
C
t
u
p
n
II
N
I
0
.
1A
µ
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
IC
N
I
5F
p
s
t
u
p
t
u
O
l
a
t
i
g
i
D
)
7
:
0
(
T
U
O
A
T
A
D
)
2
e
t
o
N
(
h
g
i
H
e
g
a
t
l
o
V
t
u
p
t
u
OH
O
V4
.
-
D
D
VV
)
3
e
t
o
N
(
w
o
L
e
g
a
t
l
o
V
t
u
p
t
u
OL
O
V4
.
+
D
N
GV
t
n
e
r
r
u
c
t
u
p
t
u
O
C
DI
T
U
O
4
-4
A
m
Note 1 :
Output current specification is per individual driver.
Note 2:
Output current of 4 mA.
Note 3:
Output current of –4 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com