Electronic Components Datasheet Search
  English  ▼

X  

E649 Datasheet(PDF) 7 Page - Semtech Corporation

Part # E649
Description  Octal Pin Electronics Driver/Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E649 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button E649 Datasheet HTML 3Page - Semtech Corporation E649 Datasheet HTML 4Page - Semtech Corporation E649 Datasheet HTML 5Page - Semtech Corporation E649 Datasheet HTML 6Page - Semtech Corporation E649 Datasheet HTML 7Page - Semtech Corporation E649 Datasheet HTML 8Page - Semtech Corporation E649 Datasheet HTML 9Page - Semtech Corporation E649 Datasheet HTML 10Page - Semtech Corporation E649 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
 2000 Semtech Corp.
www.semtech.com
EDGE HIGH-PERFORMANCE PRODUCTS
Edge649
Application Information (continued)
Window Comparator
Certain applications require a dual threshold window
comparator to distinguish between the DUT being high,
low, or floating. To support this application, two Edge649
channels can be combined to create one channel with a
window comparator (see Figure 7).
Notice that
connecting two DUT pins ties together the positive inputs
of both receivers. The result is a difference in polarity
between the digital outputs reporting the high and low
status of the DUT.
Figure 7. Edge649 as a
Window Comparator
Once two receivers are connected as window
comparators, the two drivers also get connected in
parallel.
This dual driver configuration supports a
multitude of applications that have traditionally been
difficult to accommodate.
Trinary Driver
At times, there is a need for a three-level driver. Typically,
two levels are required for the standard digital “1” and
“0” pattern generation. The third level provides a higher
voltage to place the device under test (DUT) into a
programming or test mode. By controlling the DATA IN
and DVR EN* inputs, a trinary driver with tristate is
realizable (see Figure 8).
Driver with Pull Up/Pull Down
As the drivers are unbuffered, paralleling two drivers for
one DUT node provides a means for adding pull up or
pull down capability. By connecting the VHIGH and VLOW
inputs of one driver through a resistor to a voltage,
additional functionality that would normally require an
external relay on the DUT transmission line to engage
and disengage these functions is realizable.
One common application for the pull up feature is testing
open collector devices. The pull down satisfies open
emitter DUTs (typically ECL). Either the pull up or down
could be used to establish a default high impedance
voltage on a bidirectional bus. Notice that in all
applications, the resistors can be switched dynamically
or statically.
Figure 8. Trinary Driver
DUT
High Threshold
Low Threshold
DUT LOW*
DUT HIGH
–
+
DUT
DATA IN A
DVR EN*A
DATA IN B
DVR EN*B
VHIGH A
VHIGH A
VHIGH B
VHIGH B
VLOW A
VLOW A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com