Electronic Components Datasheet Search
  English  ▼

X  

PCF2129AT-1 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF2129AT-1
Description  Integrated RTC, TCXO and quartz crystal
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129AT-1 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF2129AT-1 Datasheet HTML 17Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 18Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 19Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 20Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 21Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 22Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 23Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 24Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
PCF2129A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
21 of 69
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
8.7 Reset function
The PCF2129A has a Power-On Reset (POR) and a Power-On Reset Override (PORO)
function implemented.
8.7.1 Power-On Reset (POR)
The POR is active whenever the oscillator is stopped. The oscillator is also considered to
be stopped during the time between power-on and stable crystal resonance (see
Figure 10). This time may be in the range of 200 ms to 2 s depending on temperature and
supply voltage. Whenever an internal reset occurs, the oscillator stop flag is set (OSF set
logic 1).
After POR, the following mode is entered:
• 32.768 kHz CLKOUT active
• Power-On Reset Override (PORO) available to be set
• 24 hour mode is selected
• Battery switch-over is enabled
• Battery low detection is enabled
The register values after power-on are shown in Table 4.
8.7.2 Power-On Reset Override (PORO)
The POR duration is directly related to the crystal oscillator start-up time. Due to the long
start-up times experienced by these types of circuits, a mechanism has been built in to
disable the POR and therefore speed up on-board test of the device.
Fig 10. Dependency between POR and oscillator
001aaf897
chip in reset
chip not in reset
t
VDD
oscillation
internal
reset
Fig 11. Power-On Reset (POR) system
001aaj324
OSCILLATOR
0 = override inactive
1 = override active
0 = clear override mode
1 = override possible
POR_OVRD
SDA/CE
SCL
RESET
OVERRIDE
CLEAR
osc stopped
0 = stopped, 1 = running
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com