Electronic Components Datasheet Search
  English  ▼

X  

PCF2129AT-1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF2129AT-1
Description  Integrated RTC, TCXO and quartz crystal
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129AT-1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF2129AT-1 Datasheet HTML 3Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 4Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 5Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 6Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 7Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 8Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 9Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 10Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
PCF2129A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
7 of 69
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
Table 4.
Register overview
Bit positions labeled as - are not implemented and will return 0 when read. Bits labeled as T must always be written with
logic 0. Bits labeled as X are undefined at power-on and unchanged by subsequent resets.
Address Register name
Bit
Reset value
7
6
5
4
3
2
1
0
Control registers
00h
Control_1
EXT_
TEST
TSTOP
TSF1
POR_
OVRD
12_24
MI
SI
0000 0000
01h
Control_2
MSF
WDTF
TSF2
AF
T
TSIE
AIE
T
0000 0000
02h
Control_3
PWRMNG[2:0]
BTSE
BF
BLF
BIE
BLIE
0000 0000
Time and date registers
03h
Seconds
OSF
SECONDS (0 to 59)
1XXX XXXX
04h
Minutes
-
MINUTES (0 to 59)
- XXX XXXX
05h
Hours
-
-
AMPM
HOURS (1 to 12) in 12 h mode
- - XX XXXX
HOURS (0 to 23) in 24 h mode
- - XX XXXX
06h
Days
-
-
DAYS (1 to 31)
- - XX XXXX
07h
Weekdays
-----WEEKDAYS (0 to 6)
- - - - - XXX
08h
Months
---MONTHS (1 to 12)
- - - X XXXX
09h
Years
YEARS (0 to 99)
XXXX XXXX
Alarm registers
0Ah
Second_alarm
AE_S
SECOND_ALARM (0 to 59)
1XXX XXXX
0Bh
Minute_alarm
AE_M
MINUTE_ALARM (0 to 59)
1XXX XXXX
0Ch
Hour_alarm
AE_H
-
AMPM
HOUR_ALARM (1 to 12) in 12 h mode
1 - XX XXXX
HOUR_ALARM (0 to 23) in 24 h mode
1 - XX XXXX
0Dh
Day_alarm
AE_D
-
DAY_ALARM (1 to 31)
1 - XX XXXX
0Eh
Weekday_alarm
AE_W
----WEEKDAY_ALARM (0 to 6) 1 - - - - XXX
CLKOUT control register
0Fh
CLKOUT_ctl
TCR[1:0]
---COF[2:0]
00 - - - 000
Watchdog registers
10h
Watchdg_tim_ctl
WD_CD T
TI_TP
-
-
-
TF[1:0]
000 - - - 11
11h
Watchdg_tim_val WATCHDG_TIM_VAL[7:0]
XXXX XXXX
Timestamp registers
12h
Timestp_ctl
TSM
TSOFF
-
1_O_16_TIMESTP[4:0]
00 - X XXXX
13h
Sec_timestp
-
SECOND_TIMESTP (0 to 59)
- XXX XXXX
14h
Min_timestp
-
MINUTE_TIMESTP (0 to 59)
- XXX XXXX
15h
Hour_timestp
-
-
AMPM
HOUR_TIMESTP (1 to 12) in 12 h mode
- - XX XXXX
HOUR_TIMESTP (0 to 23) in 24 h mode
- - XX XXXX
16h
Day_timestp
-
-
DAY_TIMESTP (1 to 31)
- - XX XXXX
17h
Mon_timestp
---MONTH_TIMESTP (1 to 12)
- - - X XXXX
18h
Year_timestp
YEAR_TIMESTP (0 to 99)
XXXX XXXX
Aging offset register
19h
Aging_offset
----AO[3:0]
- - - - 1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com