Electronic Components Datasheet Search
  English  ▼

X  

PCF2129AT-1 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF2129AT-1
Description  Integrated RTC, TCXO and quartz crystal
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129AT-1 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF2129AT-1 Datasheet HTML 32Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 33Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 34Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 35Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 36Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 37Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 38Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 39Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
PCF2129A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
36 of 69
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
8.11.3.4
Register Hour_timestp
[1]
Hour mode is set by the bit 12_24 in register Control_1.
8.11.3.5
Register Day_timestp
8.11.3.6
Register Mon_timestp
8.11.3.7
Register Year_timestp
Table 40.
Hour_timestp - hour timestamp register (address 15h) bit description
Bit
Symbol
Value
Place value Description
7to6 -
-
-
unused
12 hour mode[1]
5
AMPM
0
-
indicates AM
1
-
indicates PM
4
HOUR_TIMESTP
0 to 1
ten’s place
hour timestamp information coded in BCD
format when in 12 hour mode
3to0
0to9
unit place
24 hour mode[1]
5 to 4 HOUR_TIMESTP
0 to 2
ten’s place
hour timestamp information coded in BCD
format when in 24 hour mode
3to0
0to9
unit place
Table 41.
Day_timestp - day timestamp register (address 16h) bit description
Bit
Symbol
Value
Place value Description
7to6 -
-
-
unused
5 to 4 DAY_TIMESTP
0 to 3
ten’s place
day timestamp information coded in BCD
format
3to0
0to9
unit place
Table 42.
Mon_timestp - month timestamp register (address 17h) bit description
Bit
Symbol
Value
Place value Description
7to5 -
-
-
unused
4
MONTH_TIMESTP
0 to 1
ten’s place
month timestamp information coded in
BCD format
3to0
0to9
unit place
Table 43.
Year_timestp - year timestamp register (address 18h) bit description
Bit
Symbol
Value
Place value Description
7 to 4 YEAR_TIMESTP
0 to 9
ten’s place
year timestamp information coded in BCD
format
3to0
0to9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com