Electronic Components Datasheet Search
  English  ▼

X  

PCF2129AT-1 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCF2129AT-1
Description  Integrated RTC, TCXO and quartz crystal
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129AT-1 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCF2129AT-1 Datasheet HTML 45Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 46Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 47Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 48Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 49Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 50Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 51Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 52Page - NXP Semiconductors PCF2129AT-1 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
PCF2129A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
49 of 69
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
9.2.4 Acknowledge
The number of data bytes transferred between the START and STOP conditions from
transmitter to receiver is unlimited. Each byte of eight bits is followed by an acknowledge
cycle.
• A slave receiver which is addressed must generate an acknowledge after the
reception of each byte.
• Also a master receiver must generate an acknowledge after the reception of each
byte that has been clocked out of the slave transmitter.
• The device that acknowledges must pull-down the SDA line during the acknowledge
clock pulse, so that the SDA line is stable LOW during the HIGH period of the
acknowledge related clock pulse (set-up and hold times must be taken into
consideration).
• A master receiver must signal an end of data to the transmitter by not generating an
acknowledge on the last byte that has been clocked out of the slave. In this event the
transmitter must leave the data line HIGH to enable the master to generate a STOP
condition.
Acknowledgement on the I2C-bus is illustrated in Figure 34.
9.2.5 I2C-bus protocol
After a start condition a valid hardware address has to be sent to a PCF2129A device.
The appropriate I2C-bus slave address is 1010001. The entire I2C-bus slave address byte
is shown in Table 50.
Fig 33. System configuration
mba605
MASTER
TRANSMITTER
RECEIVER
SLAVE
RECEIVER
SLAVE
TRANSMITTER
RECEIVER
MASTER
TRANSMITTER
MASTER
TRANSMITTER
RECEIVER
SDA
SCL
Fig 34. Acknowledgement on the I2C-bus
mbc602
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
data output
by transmitter
data output
by receiver
SCL from
master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com