Electronic Components Datasheet Search
  English  ▼

X  

PCF85176 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF85176
Description  Universal LCD driver for low multiplex rates
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85176 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF85176 Datasheet HTML 14Page - NXP Semiconductors PCF85176 Datasheet HTML 15Page - NXP Semiconductors PCF85176 Datasheet HTML 16Page - NXP Semiconductors PCF85176 Datasheet HTML 17Page - NXP Semiconductors PCF85176 Datasheet HTML 18Page - NXP Semiconductors PCF85176 Datasheet HTML 19Page - NXP Semiconductors PCF85176 Datasheet HTML 20Page - NXP Semiconductors PCF85176 Datasheet HTML 21Page - NXP Semiconductors PCF85176 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
PCF85176_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 14 April 2010
18 of 43
NXP Semiconductors
PCF85176
Universal LCD driver for low multiplex rates
The hardware subaddress must not be changed while the device is being accessed on the
I2C-bus interface.
7.13 Output bank selector
The output bank selector (see Table 13) selects one of the four rows per display RAM
address for transfer to the display register. The actual row selected depends on the
selected LCD drive mode in operation and on the instant in the multiplex sequence.
• In 1:4 multiplex mode, all RAM addresses of row 0 are selected, these are followed by
the contents of row 1, row 2, and then row 3
• In 1:3 multiplex mode, rows 0, 1, and 2 are selected sequentially
• In 1:2 multiplex mode, rows 0 and 1 are selected
• In static mode, row 0 is selected
The PCF85176 includes a RAM bank switching feature in the static and 1:2 multiplex drive
modes. In the static drive mode, the bank-select command may request the contents of
row 2 to be selected for display instead of the contents of row 0. In the 1:2 multiplex mode,
the contents of rows 2 and 3 may be selected instead of rows 0 and 1. This gives the
provision for preparing display information in an alternative bank and to be able to switch
to it once it is assembled.
7.14 Input bank selector
The input bank selector loads display data into the display RAM in accordance with the
selected LCD drive configuration. Display data can be loaded in row 2 in static drive mode
or in rows 2 and 3 in 1:2 multiplex drive mode by using the bank-select command (see
Table 13). The input bank selector functions independently to the output bank selector.
7.15 Blinker
The display blinking capabilities of the PCF85176 are very versatile. The whole display
can blink at frequencies selected by the blink-select command (see Table 14). The blink
frequencies are fractions of the clock frequency. The ratio between the clock and blink
frequencies depends on the blink mode selected (see Table 6).
An additional feature is for an arbitrary selection of LCD elements to blink. This applies to
the static and 1:2 multiplex drive modes and can be implemented without any
communication overheads. By means of the output bank selector, the displayed RAM
banks are exchanged with alternate RAM banks at the blink frequency. This mode can
also be specified by the blink-select command.
In the 1:3 and 1:4 multiplex modes, where no alternative RAM bank is available, groups of
LCD elements can blink by selectively changing the display RAM data at fixed time
intervals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com