| Electronic Components Datasheet Search |
|
PCF85176 Datasheet(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85176 Datasheet(HTML) 32 Page - NXP Semiconductors |
|
32 / 43 page ![]() PCF85176_1 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 01 — 14 April 2010 32 of 43 NXP Semiconductors PCF85176 Universal LCD driver for low multiplex rates The SYNC line is provided to maintain the correct synchronization between all cascaded PCF85176. Synchronization is guaranteed after a power-on reset. The only time that SYNC is likely to be needed is if synchronization is accidentally lost (e.g. by noise in adverse electrical environments or by defining a multiplex drive mode when PCF85176 with different SA0 levels are cascaded). SYNC is organized as an input/output pin. The output selection is realized as an open-drain driver with an internal pull-up resistor. A PCF85176 asserts the SYNC line at the onset of its last active backplane signal and monitors the SYNC line at all other times. If synchronization in the cascade is lost, it is restored by the first PCF85176 to assert SYNC. The timing relationship between the backplane waveforms and the SYNC signal for the various drive modes of the PCF85176 are shown in Figure 24. The contact resistance between the SYNC on each cascaded device must be controlled. If the resistance is too high, the device is not able to synchronize properly; this is particularly applicable to chip-on-glass applications. The maximum SYNC contact resistance allowed for the number of devices in cascade is given in Table 19. (1) Is master (OSC connected to VSS). (2) Is slave (OSC connected to VDD). Fig 23. Cascaded PCF85176 configuration HOST MICRO- PROCESSOR/ MICRO- CONTROLLER SDA SCL CLK OSC SYNC 40 segment drives 4 backplanes 40 segment drives LCD PANEL PCF85176 A0 A1 A2 SA0 VSS VSS VSS VDD VDD VLCD VLCD VDD VLCD 013aaa297 SDA SCL SYNC CLK OSC BP0 to BP3 (open-circuit) A0 A1 A2 SA0 PCF85176 BP0 to BP3 R tr 2Cb ≤ (1) (2) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |