Electronic Components Datasheet Search
  English  ▼

X  

PCF85176 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF85176
Description  Universal LCD driver for low multiplex rates
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85176 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF85176 Datasheet HTML 19Page - NXP Semiconductors PCF85176 Datasheet HTML 20Page - NXP Semiconductors PCF85176 Datasheet HTML 21Page - NXP Semiconductors PCF85176 Datasheet HTML 22Page - NXP Semiconductors PCF85176 Datasheet HTML 23Page - NXP Semiconductors PCF85176 Datasheet HTML 24Page - NXP Semiconductors PCF85176 Datasheet HTML 25Page - NXP Semiconductors PCF85176 Datasheet HTML 26Page - NXP Semiconductors PCF85176 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
PCF85176_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 14 April 2010
23 of 43
NXP Semiconductors
PCF85176
Universal LCD driver for low multiplex rates
7.17 Command decoder
The command decoder identifies command bytes that arrive on the I2C-bus.
The commands available to the PCF85176 are defined in Table 8.
All available commands carry a continuation bit C in their most significant bit position as
shown in Figure 17. When this bit is set logic 1, it indicates that the next byte of the
transfer to arrive will also represent a command. If this bit is set logic 0, it indicates that
the command byte is the last in the transfer. Further bytes will be regarded as display data
(see Table 9).
[1]
The possibility to disable the display allows implementation of blinking under external control.
Table 8.
Definition of PCF85176 commands
Bit position labelled as - is not used.
Command
Operation Code
Reference
Bit
7
6
5
4
3
2
1
0
mode-set
C
1
0
-
E
B
M[1:0]
Table 10
load-data-pointer
C
0
P[5:0]
Table 11
device-select
C
110
0A[2:0]
Table 12
bank-select
C
1
1
1
1
0
I
O
Table 13
blink-select
C
1
1
1
0
A
BF[1:0]
Table 14
Table 9.
C bit description
Bit
Symbol
Value
Description
7C
continue bit
0
last control byte in the transfer; next byte will be regarded
as display data
1
control bytes continue; next byte will be a command too
Table 10.
Mode-set command bit description
Bit
Symbol
Value
Description
7C
0, 1see Table 9
6 to 5
-
10
fixed value
4
-
-
unused
3E
display status
0
disabled[1]
1
enabled
2B
LCD bias configuration
0
1
⁄
3 bias
1
1
⁄
2 bias
1 to 0
M[1:0]
LCD drive mode selection
01
static; BP0
10
1:2 multiplex; BP0, BP1
11
1:3 multiplex; BP0, BP1, BP2
00
1:4 multiplex; BP0, BP1, BP2, BP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com