Electronic Components Datasheet Search
  English  ▼

X  

PCF85176 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF85176
Description  Universal LCD driver for low multiplex rates
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85176 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF85176 Datasheet HTML 18Page - NXP Semiconductors PCF85176 Datasheet HTML 19Page - NXP Semiconductors PCF85176 Datasheet HTML 20Page - NXP Semiconductors PCF85176 Datasheet HTML 21Page - NXP Semiconductors PCF85176 Datasheet HTML 22Page - NXP Semiconductors PCF85176 Datasheet HTML 23Page - NXP Semiconductors PCF85176 Datasheet HTML 24Page - NXP Semiconductors PCF85176 Datasheet HTML 25Page - NXP Semiconductors PCF85176 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
PCF85176_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 14 April 2010
22 of 43
NXP Semiconductors
PCF85176
Universal LCD driver for low multiplex rates
• Up to 16 PCF85176 for very large LCD applications
• The use of two types of LCD multiplex drive
The I2C-bus protocol is shown in Figure 16. The sequence is initiated with a START
condition (S) from the I2C-bus master which is followed by one of two possible PCF85176
slave addresses available. All PCF85176 whose SA0 inputs correspond to bit 0 of the
slave address respond by asserting an acknowledge in parallel. This I2C-bus transfer is
ignored by all PCF85176 whose SA0 inputs are set to the alternative level.
After an acknowledgement, one or more command bytes follow that define the status of
each addressed PCF85176.
The last command byte sent is identified by resetting its most significant bit, continuation
bit C (see Figure 17). The command bytes are also acknowledged by all addressed
PCF85176 on the bus.
After the last command byte, one or more display data bytes may follow. Display data
bytes are stored in the display RAM at the address specified by the data pointer and the
subaddress counter. Both data pointer and subaddress counter are automatically updated
and the data directed to the intended PCF85176 device.
An acknowledgement after each byte is asserted only by the PCF85176 that are
addressed via address lines A0, A1, and A2. After the last display byte, the I2C-bus
master asserts a STOP condition (P). Alternately a START may be asserted to restart an
I2C-bus access.
Fig 16. I2C-bus protocol
Fig 17. Format of command byte
013aaa053
S
A
0
S
011100
0 A C
COMMAND
A
P
A
DISPLAY DATA
slave address
R/W
acknowledge by
all addressed
PCA85176s
acknowledge
by A0, A1 and A2
selected
PCA85176 only
1 byte
update data pointers
and if necessary,
subaddress counter
n
≥ 1 byte(s)
n
≥ 0 byte(s)
msa833
REST OF OPCODE
C
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com