Electronic Components Datasheet Search
  English  ▼

X  

EZ1900CS Datasheet(PDF) 4 Page - Semtech Corporation

Part # EZ1900CS
Description  REGULATOR BALANCE CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ1900CS Datasheet(HTML) 4 Page - Semtech Corporation

  EZ1900CS Datasheet HTML 1Page - Semtech Corporation EZ1900CS Datasheet HTML 2Page - Semtech Corporation EZ1900CS Datasheet HTML 3Page - Semtech Corporation EZ1900CS Datasheet HTML 4Page - Semtech Corporation EZ1900CS Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EZ1900
© 1999 SEMTECH CORP.
REGULATOR
BALANCE CONTROLLER
May 27, 1999
652 MITCHELL ROAD NEWBURY PARK CA 91320
4
TYPICAL APPLICATIONS (cont.)
Voltage Select
Slave Mode Operation V
M = VOUT of Master
V
M = VREF (1 + R4/R3) + IADJ R4
Non-Slave Mode, V
S = VOUT of Slave
V
S = VREF (1 + (R2 + 3Ω) / R1) + IADJ (R2 + 3Ω)
R
SENSE Select
R
SENSE Select; Typical selection can be
(50mV to 100mV) / (Total I
OUT / 2).
Trace resistance of 10m
Ω and above can easily accomodate value
required.
Balanced Current Controller Utilizing EZ1087 Series
Balanced Current Controller Utilizing EZ1580 Series
Voltage Select
Slave Mode Operation V
M = VOUT of Master
V
M = VREF (1 + R4/R3) + IADJ R4
Non-Slave Mode, V
S = VOUT of Slave
V
S = VREF (1 + (R2 + 3Ω) / R1) + IADJ (R2 + 3Ω)
R
SENSE Select
R
SENSE Select (100mV Min) / (Total IOUT / 2)
The EZ1580 series requires R
SENSE voltage to be less than 100mV.
Trace resistance can easily accomodate value required.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com