Electronic Components Datasheet Search
  English  ▼

X  

EZ1900CS Datasheet(PDF) 2 Page - Semtech Corporation

Part # EZ1900CS
Description  REGULATOR BALANCE CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ1900CS Datasheet(HTML) 2 Page - Semtech Corporation

  EZ1900CS Datasheet HTML 1Page - Semtech Corporation EZ1900CS Datasheet HTML 2Page - Semtech Corporation EZ1900CS Datasheet HTML 3Page - Semtech Corporation EZ1900CS Datasheet HTML 4Page - Semtech Corporation EZ1900CS Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EZ1900
© 1999 SEMTECH CORP.
REGULATOR
BALANCE CONTROLLER
May 27, 1999
652 MITCHELL ROAD NEWBURY PARK CA 91320
2
Test Conditions
Test Limits
Parameter
Symbol
+V
S
OUT
T
J
Min
Typ
Max
Units
Input
Input Error Voltage
V
IO
5mV
Common Mode Input
Range
V
CM
7V
1
7
V
Average Temperature
Coefficient,
Input DIFF Voltage
0.01
mV/°C
Input Current
I
IC
50
200
nA
Common Mode Rejection
Ratio
CMRR
7V
70
80
dB
Power Supply Rejection
Ration
PSRR
60
70
dB
Sensitivity
∆I
OUT / ∆VDIFF
10
50
Select Threshold
Low
High
V
TH
2.4
0.8
V
Select Input Current
Low SEL = 0V
I
SEL
-150
-200
µA
High SEL = 7V
1
Output
Slave Output Leakage
S
OL
7V
1
µA
Slave Output Resistance
R
O
23
4
Ω
Power Supply Current
Slave Mode
I
CC
500
700
µA
Non-Slave Mode
3
5
mA
Off Mode
700
µA
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: V
IN = 5V; ISLAVE = 10mA; TJ = 25°C.
T
V
IE
∆
∆



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com