Electronic Components Datasheet Search
  English  ▼

X  

EZ1900CS Datasheet(PDF) 1 Page - Semtech Corporation

Part # EZ1900CS
Description  REGULATOR BALANCE CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ1900CS Datasheet(HTML) 1 Page - Semtech Corporation

  EZ1900CS Datasheet HTML 1Page - Semtech Corporation EZ1900CS Datasheet HTML 2Page - Semtech Corporation EZ1900CS Datasheet HTML 3Page - Semtech Corporation EZ1900CS Datasheet HTML 4Page - Semtech Corporation EZ1900CS Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EZ1900
© 1999 SEMTECH CORP.
REGULATOR
BALANCE CONTROLLER
May 27, 1999
652 MITCHELL ROAD NEWBURY PARK CA 91320
1
DESCRIPTION
The EZ1900 is a high performance positive load cur-
rent balancer designed for use in applications utiliz-
ing 2 regulators in parallel to achieve equal current
sharing or identical current for each load. The regula-
tor balance controller allows a flexible motherboard
design to be made to cope with different processor
configurations. The controller reads a logic level up-
grade signal (denoted V
CC2DET on the Intel P55C; sim-
ilar on AMD, Cyrix and PowerPC microprocessors) to
control the output voltage of two linear low dropout
voltage regulators to the CPU core and I/O planes. In
single-voltage plane configurations (V
CC2DET floating),
both regulators are set to the same output voltage
(usually 3.3 - 3.5V) and are configured in master-
slave mode. For split plane processors (V
CC2DET low),
the outputs of the two regulators are switched - the
core voltage will be set to a nominal 2.5V while the
I/O voltage will remain at 3.3V. The actual output
voltages can be adjusted by means of resistors. The
EZ1900 programmable current balancer is available
in the popular SO-8 surface mount package.
FEATURES
• Current balance controller for regulators in parallel
• Slave and non-slave voltage modes
• Slave or non-slave mode computer selected
• Compatible with 3 or 5 pin low drop regulators
• Remote sense operation
• SO-8 package
APPLICATIONS
• Flexible upgrade from single voltage plane to
split-plane processors
• Intel Pentium® Processor P54CS & P55C
upgrades
• PowerPC™ 603 & 604 upgrades
• AMD5
K86™ upgrades
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Input Voltage Supply
V
IN
7V
Differential
Amplifier
-IN, +IN
S
OUT
7
0 to +V
V
Slave Output Current
(sink only)
I
SLAVE
50
mA
Thermal Resistance
Junction to Ambient
θ
JA
160
°C/W
Operating Junction
Temperature Range
T
J
0 to 70
°C
Storage
Temperature Range
T
STG
-65 to 125
°C
Lead Temperature
(Soldering) 5 Sec
T
LEAD
260
°C
PIN CONFIGURATION
Pin #
Legend
Description
1
Sel
Non-slave mode, voltage select
2
-IN
Negative error amplifier input
3
+IN
Positive error amplifier input
4
-V
Power input, common
5
nc
No Connection
6S
OUT
Sets V
OUT of slave device
7
+V
Power input, positive
8
nc
No connection
Slave Mode Pin: For non “Computer Select Operation”, the Select
Mode, pin #1, can be left open circuited for continuous slave mode
operation or balance current control. Ground the Select Mode, pin #1,
for non-slave mode operation.
Pentium Processor is a trademark of Intel Corp. PowerPC is a trademark of IBM Corp. AMD5K86 is a trademark of Advanced Micro Devices.
Note:
(1) Add suffix ‘TR’ for tape and reel.
ORDERING INFORMATION
DEVICE
(1)
PACKAGE
EZ1900CS
SO-8


Similar Part No. - EZ1900CS

ManufacturerPart #DatasheetDescription
logo
Kontron
EZ1-VM6054-00-L KONTRON-EZ1-VM6054-00-L Datasheet
2Mb / 4P
6U VME SINGLE BOARD COMPUTER
logo
Marktech Corporate
EZ1000 MARKTECH-EZ1000 Datasheet
456Kb / 5P
Gen II LEDs
EZ1000 MARKTECH-EZ1000_15 Datasheet
456Kb / 5P
Gen II LEDs
logo
Semtech Corporation
EZ1082 SEMTECH-EZ1082 Datasheet
66Kb / 4P
10.0 AMP POSITIVE VOLTAGE REGULATOR
EZ1082 SEMTECH-EZ1082 Datasheet
138Kb / 5P
10.0A Positive Voltage Regulator
More results

Similar Description - EZ1900CS

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
SWITCHING REGULATOR CONTROLLER
logo
Panasonic Semiconductor
AN612 PANASONIC-AN612 Datasheet
48Kb / 2P
Balance Modulator Circuit
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
Switching Regulator Controller
logo
Fairchild Semiconductor
FAN7346 FAIRCHILD-FAN7346 Datasheet
1Mb / 19P
4-Channel LED Current Balance Controller
logo
Micrel Semiconductor
MIC5163 MICREL-MIC5163 Datasheet
452Kb / 15P
Dual Regulator Controller
logo
Bothhand USA, LP.
S5498-LF BOTHHAND-S5498-LF Datasheet
727Kb / 1P
Excellent longitudinal balance
S5799-LF BOTHHAND-S5799-LF Datasheet
564Kb / 1P
Excellent longitudinal balance.
logo
ON Semiconductor
FAN7346 ONSEMI-FAN7346 Datasheet
3Mb / 21P
4-Channel LED Current Balance Controller
ctober, 2016 ??Rev. 0
logo
Mini-Circuits
BBFCV-492 MINI-BBFCV-492 Datasheet
398Kb / 2P
Balance Filter
REV. OR
BLFCV-1570 MINI-BLFCV-1570 Datasheet
380Kb / 2P
Balance Filter
REV. OR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com