Electronic Components Datasheet Search
  English  ▼

X  

EZ1900CS Datasheet(PDF) 3 Page - Semtech Corporation

Part # EZ1900CS
Description  REGULATOR BALANCE CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

EZ1900CS Datasheet(HTML) 3 Page - Semtech Corporation

  EZ1900CS Datasheet HTML 1Page - Semtech Corporation EZ1900CS Datasheet HTML 2Page - Semtech Corporation EZ1900CS Datasheet HTML 3Page - Semtech Corporation EZ1900CS Datasheet HTML 4Page - Semtech Corporation EZ1900CS Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EZ1900
© 1999 SEMTECH CORP.
REGULATOR
BALANCE CONTROLLER
May 27, 1999
652 MITCHELL ROAD NEWBURY PARK CA 91320
3
Non-Slave Mode (Slave Regulator) V
S
Notes:
V
S = VREF (1 + (R2 + 3Ω) / R1) + IADJ (R2 + 3Ω).
*The EZ1900 operating in the non-slave mode opera-
tion will introduce approximately 3 ohms of resistance
in the voltage set path when selected. The calculated
values are based upon this addition.
V
OUT/RESISTOR SELECTION REFERENCE
(Resistor selection in
Ω. See Typical Applications on following pages.)
Slave Mode (Master Regulator) V
M
Notes:
V
M = VREF (1 + R4 / R3) + IADJ R4.
Resistor selection is based upon standard table for 1%
resistors.
V
OUT
R3
R4
Calc V
OUT
3.500
130
232
3.494
3.300
115
187
3.293
2.900
133
174
2.895
2.800
137
169
2.801
2.700
137
158
2.700
2.600
121
130
2.600
2.500
115
115
2.506
V
OUT
R1
R2
*Calc V
OUT
3.500
137
243
3.508
3.300
137
221
3.306
2.900
137
178
2.911
2.800
124
150
2.801
2.700
130
147
2.701
2.600
121
127
2.600
2.500
133
137
2.498
Voltage Select
Slave Mode Operation V
M = VOUT of Master
V
M = VREF (1 + R4/R3) + IADJ R4
Non-Slave Mode, V
S = VOUT of Slave
V
S = VREF (1 + (R2 + 3Ω) / R1) + IADJ (R2 + 3Ω)
R
SENSE Select
R
SENSE Select; Typical selection can be
(50mV to 100mV) / (Total I
OUT / 2).
Trace resistance of 10m
Ω and above can easily accomodate value
required.
Balanced Current Controller Utilizing EZ108X/EZ158X Series
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com