Electronic Components Datasheet Search
  English  ▼

X  

MSP430F4152IPM Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4152IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4152IPM Datasheet(HTML) 44 Page - Texas Instruments

Back Button MSP430F4152IPM Datasheet HTML 40Page - Texas Instruments MSP430F4152IPM Datasheet HTML 41Page - Texas Instruments MSP430F4152IPM Datasheet HTML 42Page - Texas Instruments MSP430F4152IPM Datasheet HTML 43Page - Texas Instruments MSP430F4152IPM Datasheet HTML 44Page - Texas Instruments MSP430F4152IPM Datasheet HTML 45Page - Texas Instruments MSP430F4152IPM Datasheet HTML 46Page - Texas Instruments MSP430F4152IPM Datasheet HTML 47Page - Texas Instruments MSP430F4152IPM Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
MSP430F41x2
MIXED SIGNAL MICROCONTROLLER
SLAS648E -- APRIL 2009 -- REVISED MARCH 2011
44
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
10-bit ADC, temperature sensor and built-in VMID
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
I
Temperature sensor supply
REFON = 0, INCHx =0Ah,
2.2 V
40
120
A
ISENSOR
Temperature sensor supply
current (see Note )
REFON = 0, INCHx = 0Ah,
ADC10ON = 1, TA =25_C
3V
60
160
A
TCSENSOR
ADC10ON = 1, INCHx = 0Ah
(see Note 2)
2.2 V/3 V
3.55
mV/C
VOffset,Sensor
Sensor offset voltage
ADC10ON = 1, INCHx = 0Ah
(see Note 2)
--100
100
mV
Temperature sensor voltage
at TA =85C
2.2 V/3 V
1195
1295
1395
mV
VSensor
Sensor output voltage
(see Note 3)
Temperature sensor voltage
at TA =25C
2.2 V/3 V
985
1085
1185
mV
(
)
Temperature sensor voltage
at TA =0C
2.2 V/3 V
895
995
1095
mV
tSensor(sample)
Sample time required if
channel 10 is selected (see
Note 4)
ADC10ON = 1, INCHx = 0Ah,
Error of conversion result  1LSB
2.2 V/3 V
30
s
I
Current into divider at
ADC10ON 1 INCHx 0Bh
2.2 V
NA
A
IVMID
Current into divider at
channel11 (see Note 5)
ADC10ON = 1, INCHx =0Bh
3V
NA
A
V
V
divider at channel 11
ADC10ON = 1, INCHx =0Bh,
2.2 V
1.06
1.1
1.14
V
VMID
VCC divider at channel 11
ADC10ON = 1, INCHx = 0Bh,
VMID is 0.5 x VCC
3V
1.46
1.5
1.54
V
t
Sample time required if
channel 11 is selected
ADC10ON = 1, INCHx =0Bh,
2.2 V
1400
ns
tVMID(sample)
channel 11 is selected
(see Note 6)
ADC10ON = 1, INCHx = 0Bh,
Error of conversion result  1LSB
3V
1220
ns
NOTES: 1. The sensor current ISENSOR is consumed if (ADC10ON = 1 and REFON = 1), or (ADC10ON = 1 and INCH = 0Ah and sample signal
is high). When REFON = 1, ISENSOR is included in IREF+. When REFON = 0, ISENSOR applies during conversion of the temperature
sensor input (INCH = 0Ah).
2. The following formula can be used to calculate the temperature sensor output voltage:
VSensor,typ =TCSensor ( 273 + T [C] ) + VOffset,sensor [mV] or
VSensor,typ =TCSensor T[C] + VSensor(TA =0C) [mV]
3. Results based on characterization and/or production test, not TCSensor or VOffset,sensor.
4. The typical equivalent impedance of the sensor is 51 k. The sample time required includes the sensor-on time tSENSOR(on).
5. No additional current is needed. The VMID is used during sampling.
6. The on-time tVMID(on) is included in the sampling time tVMID(sample); no additional on time is needed.
Timer0_A3, Timer1_A5
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX UNIT
f
Timer A clock frequency
Internal: SMCLK, ACLK,
External: TACLK INCLK
2.2 V
8
MHz
fTA
Timer_A clock frequency
External: TACLK, INCLK,
Duty cycle = 50% 10%
3V
10
MHz
tTA,cap
Timer_A, capture timing
TA0, TA1, TA2
2.2 V/3 V
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com