Electronic Components Datasheet Search
  English  ▼

X  

MSP430F4152IPM Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4152IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4152IPM Datasheet(HTML) 24 Page - Texas Instruments

Back Button MSP430F4152IPM Datasheet HTML 20Page - Texas Instruments MSP430F4152IPM Datasheet HTML 21Page - Texas Instruments MSP430F4152IPM Datasheet HTML 22Page - Texas Instruments MSP430F4152IPM Datasheet HTML 23Page - Texas Instruments MSP430F4152IPM Datasheet HTML 24Page - Texas Instruments MSP430F4152IPM Datasheet HTML 25Page - Texas Instruments MSP430F4152IPM Datasheet HTML 26Page - Texas Instruments MSP430F4152IPM Datasheet HTML 27Page - Texas Instruments MSP430F4152IPM Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
MSP430F41x2
MIXED SIGNAL MICROCONTROLLER
SLAS648E -- APRIL 2009 -- REVISED MARCH 2011
24
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted)
supply current into AVCC +DVCC excluding external current
PARAMETER
TA
VCC
MIN
TYP
MAX
UNIT
I
Active mode (see Note 1),
f(MCLK) = f(SMCLK) =1MHz,
40C to 85C
2.2 V
220
295
A
I(AM)
f(MCLK) = f(SMCLK) = 1 MHz,
f(ACLK) = 32768 Hz,
XTS=0, SELM=(0,1)
--40Cto85C
3V
350
398
A
I
Low power mode 0 (LPM0) (see Note 1)
40C to 85C
2.2 V
33
60
A
I(LPM0)
Low-power mode 0 (LPM0) (see Note 1)
--40Cto85C
3V
50
92
A
I
Low-power mode 2 (LPM2),
f(MCLK) f (SMCLK) 0 MHz
40C to 85C
2.2 V
6
13
A
I(LPM2)
f(MCLK) = f (SMCLK) = 0 MHz,
f(ACLK) = 32768 Hz, SCG0 = 0 (see Note 2)
--40Cto85C
3V
7
15
A
--40C
0.85
1.4
Low-power mode 3 (LPM3),
25C
2 2 V
0.90
1.2
Low-power mode 3 (LPM3),
f(MCLK) =f(SMCLK) =0MHz,
60C
2.2 V
1.15
1.4
I
f(MCLK) f(SMCLK) 0 MHz,
f(ACLK) = 32768 Hz, SCG0 = 1,
Basic Timer1 enabled ACLK selected
85C
2.15
3.0
A
I(LPM3)
Basic Timer1 enabled , ACLK selected,
LCD A enabled, LCDCPEN = 0,
--40C
1.0
1.5
A
LCD_A enabled, LCDCPEN = 0,
(static mode, fLCD =f(ACLK)/32)
25C
3 V
1.1
1.5
(
, LCD
(ACLK)/
)
(see Notes 2 and 3)
60C
3 V
1.4
1.9
85C
2.5
3.5
Low-power mode 3 (LPM3),
--40C
1.8
3.3
Low-power mode 3 (LPM3),
f(MCLK) =f(SMCLK) =0MHz,
25C
2.2 V
2.1
3.2
I
f(MCLK) f(SMCLK) 0 MHz,
f(ACLK) = 32768 Hz, SCG0 = 1,
Basic Timer1 enabled ACLK selected
85C
2.2 V
3.6
5.0
A
I(LPM3)
Basic Timer1 enabled , ACLK selected,
LCD A enabled, LCDCPEN = 0,
--40C
2.1
3.6
A
LCD_A enabled, LCDCPEN = 0,
(4-mux mode, fLCD =f(ACLK)/32)
25C
3V
2.3
3.6
(
, LCD
(ACLK)/
)
(see Notes 2 and 3)
85C
3 V
4.1
5.5
--40C
0.1
0.5
25C
2 2 V
0.1
0.5
60C
2.2 V
0.35
0.9
I
Low-power mode 4 (LPM4),
f
0 MHz f
0 MHz
85C
1.1
2.5
A
I(LPM4)
f(MCLK) =0MHz, f(SMCLK) =0MHz,
f(ACLK) = 0 Hz, SCG0 = 1 (see Note 2)
--40C
0.1
0.8
A
f(ACLK) = 0 Hz, SCG0 = 1 (see Note 2)
25C
3 V
0.1
0.8
60C
3 V
0.8
1.2
85C
1.9
3.5
NOTES: 1. Timer_Aisclockedbyf(DCOCLK) = 1 MHz. All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
2. All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
3. The LPM3 currents are characterized with a Micro Crystal CC4V--T1A (9 pF) crystal and OSCCAPx = 01h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com