Electronic Components Datasheet Search
  English  ▼

X  

MSP430F4152IPM Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4152IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4152IPM Datasheet(HTML) 23 Page - Texas Instruments

Back Button MSP430F4152IPM Datasheet HTML 19Page - Texas Instruments MSP430F4152IPM Datasheet HTML 20Page - Texas Instruments MSP430F4152IPM Datasheet HTML 21Page - Texas Instruments MSP430F4152IPM Datasheet HTML 22Page - Texas Instruments MSP430F4152IPM Datasheet HTML 23Page - Texas Instruments MSP430F4152IPM Datasheet HTML 24Page - Texas Instruments MSP430F4152IPM Datasheet HTML 25Page - Texas Instruments MSP430F4152IPM Datasheet HTML 26Page - Texas Instruments MSP430F4152IPM Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
MSP430F41x2
MIXED SIGNAL MICROCONTROLLER
SLAS648E -- APRIL 2009 -- REVISED MARCH 2011
23
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Voltage applied at VCC to VSS
--0.3 V to 4.1 V
......................................................
Voltage applied to any pin (see Note 1)
--0.3 V to VCC +0.3 V
.......................................
Diode current at any device terminal .
2mA
......................................................
Storage temperature, Tstg:
Unprogrammed device
--55C to 150C
................................
Programmed device
--55Cto85C
....................................
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages referenced to VSS. The JTAG fuse-blow voltage, VFB, is allowed to exceed the absolute maximum rating. The voltage is
applied to the TEST pin when blowing the JTAG fuse.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage during program execution, VCC (AVCC =DVCC =VCC)
1.8
3.6
V
Supply voltage during flash memory programming, VCC (AVCC =DVCC =VCC)
2.2
3.6
V
Supply voltage, VSS (AVSS =DVSS =VSS)
0
0
V
Operating free-air temperature range, TA
--40
85
C
LF selected,
XTS_FLL = 0
Watch crystal
32.768
kHz
LFXT1 crystal frequency, f(LFXT1)
(see Note 1)
XT1 selected,
XTS_FLL = 1
Ceramic resonator
0.45
6
MHz
(see Note 1)
XT1 selected,
XTS_FLL = 1
Crystal
1
6
MHz
Processor frequency (signal MCLK) f
VCC =1.8 V
dc
4.15
MHz
Processor frequency (signal MCLK), f(System)
VCC =3.0 V
dc
8
MHz
NOTES: 1. In LF mode, the LFXT1 oscillator requires a watch crystal. In XT1 mode, LFXT1 accepts a ceramic resonator or a crystal.
1.8
Supply Voltage - V
2.2
3.0
3.6
8 MHz
fSystem (MHz)
Supply voltage range, MSP430F41x2,
during flash memory programming
Supply voltage range,
MSP430F41x2, during
program execution
4.15 MHz
Figure 1. Frequency vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com