Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28044 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28044
Description  Digital Signal Processor
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28044 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320F28044 Datasheet HTML 35Page - Texas Instruments TMS320F28044 Datasheet HTML 36Page - Texas Instruments TMS320F28044 Datasheet HTML 37Page - Texas Instruments TMS320F28044 Datasheet HTML 38Page - Texas Instruments TMS320F28044 Datasheet HTML 39Page - Texas Instruments TMS320F28044 Datasheet HTML 40Page - Texas Instruments TMS320F28044 Datasheet HTML 41Page - Texas Instruments TMS320F28044 Datasheet HTML 42Page - Texas Instruments TMS320F28044 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 115 page
background image
TMS320F28044
www.ti.com
SPRS357C – AUGUST 2006 – REVISED JANUARY 2010
Table 3-13. Possible PLL Configuration Modes
SYSCLKOUT
PLL MODE
REMARKS
PLLSTS[CLKINDIV]
(CLKIN)
Invoked by the user setting the PLLOFF bit in the PLLSTS register. The PLL block
0
OSCCLK/2
is disabled in this mode. This can be useful to reduce system noise and for low
PLL Off
power operation. The PLLCR register must first be set to 0x0000 (PLL Bypass)
1
OSCCLK
before entering this mode. The CPU clock (CLKIN) is derived directly from the
input clock on either X1/X2, X1 or XCLKIN.
PLL Bypass is the default PLL configuration upon power-up or after an external
0
OSCCLK/2
reset (XRS). This mode is selected when the PLLCR register is set to 0x0000 or
PLL Bypass
while the PLL locks to a new frequency after the PLLCR register has been
1
OSCCLK
modified. In this mode, the PLL itself is bypassed but the PLL is not turned off.
Achieved by writing a non-zero value n into the PLLCR register. Upon writing to the
PLL Enable
0
OSCCLK*n/2
PLLCR the device will switch to PLL Bypass mode until the PLL locks.
3.6.1.3
Loss of Input Clock
In PLL-enabled and PLL-bypass mode, if the input clock OSCCLK is removed or absent, the PLL will still
issue a "limp-mode" clock. The limp-mode clock continues to clock the CPU and peripherals at a typical
frequency of 1–5 MHz. Limp mode is not specified to work from power-up, only after input clocks have
been present initially. In PLL bypass mode, the limp mode clock from the PLL is automatically routed to
the CPU if the input clock is removed or absent.
Normally, when the input clocks are present, the watchdog counter decrements to initiate a watchdog
reset or WDINT interrupt. However, when the external input clock fails, the watchdog counter stops
decrementing (i.e., the watchdog counter does not change with the limp-mode clock). In addition to this,
the device will be reset and the “Missing Clock Status” (MCLKSTS) bit will be set. These conditions could
be used by the application firmware to detect the input clock failure and initiate necessary shut-down
procedure for the system.
NOTE
Applications in which the correct CPU operating frequency is absolutely critical should
implement a mechanism by which the DSP will be held in reset, should the input clocks
ever fail. For example, an R-C circuit may be used to trigger the XRS pin of the DSP,
should the capacitor ever get fully charged. An I/O pin may be used to discharge the
capacitor on a periodic basis to prevent it from getting fully charged. Such a circuit would
also help in detecting failure of the flash memory and the VDD3VFL rail.
Copyright © 2006–2010, Texas Instruments Incorporated
Functional Overview
39
Submit Documentation Feedback
Product Folder Link(s): TMS320F28044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com