Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28044 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28044
Description  Digital Signal Processor
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28044 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320F28044 Datasheet HTML 17Page - Texas Instruments TMS320F28044 Datasheet HTML 18Page - Texas Instruments TMS320F28044 Datasheet HTML 19Page - Texas Instruments TMS320F28044 Datasheet HTML 20Page - Texas Instruments TMS320F28044 Datasheet HTML 21Page - Texas Instruments TMS320F28044 Datasheet HTML 22Page - Texas Instruments TMS320F28044 Datasheet HTML 23Page - Texas Instruments TMS320F28044 Datasheet HTML 24Page - Texas Instruments TMS320F28044 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 115 page
background image
0x00 0000
0x00 0040
Block Start
Address
Data Space
0x00 0400
0x00 0800
0x00 0D00
0x00 6000
0x00 7000
0x00 8000
0x00 9000
0x00 A000
0x3D 7800
0x3D 7C00
0x3F 7FF8
0x3F 8000
0x3F 9000
0x3F A000
0x3F F000
0x3F FFC0
OTP
(1K x 16, Secure Zone)
Boot ROM (4K x 16)
M1 SARAM (1K x 16)
M0 Vector - RAM (32 x 32)
(Enabled if VMAP = 0)
M0 SARAM (1K x 16)
FLASH
(64K x 16, Secure Zone)
128-Bit Password
L0 SARAM (0-wait)
(4K x 16, Secure Zone, Dual Mapped)
L1 SARAM (0-wait)
(4K x 16, Secure Zone, Dual Mapped)
0x3E 8000
Prog Space
Peripheral Frame 0
Peripheral Frame 1
(protected)
Peripheral Frame 2
(protected)
PIE Vector - RAM
(256 x 16)
(Enabled if ENPIE = 1)
Vectors (32 x 32)
(Enabled if VMAP = 1, ENPIE = 0)
0x00 0E00
L0 SARAM (0-wait)
(4K x 16, Secure Zone, Dual Mapped)
L1 SARAM (0-wait)
(4K x 16, Secure Zone, Dual Mapped)
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
TMS320F28044
www.ti.com
SPRS357C – AUGUST 2006 – REVISED JANUARY 2010
3.1
Memory Map
A.
Memory blocks are not to scale.
B.
Peripheral Frame 0, Peripheral Frame 1, and Peripheral Frame 2 memory maps are restricted to data memory only.
User program cannot access these memory maps in program space.
C.
“Protected” means the order of Write followed by Read operations is preserved rather than the pipeline order.
D.
Certain memory ranges are EALLOW protected against spurious writes after configuration.
Figure 3-2. F28044 Memory Map
Copyright © 2006–2010, Texas Instruments Incorporated
Functional Overview
21
Submit Documentation Feedback
Product Folder Link(s): TMS320F28044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com