Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28044 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28044
Description  Digital Signal Processor
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28044 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320F28044 Datasheet HTML 12Page - Texas Instruments TMS320F28044 Datasheet HTML 13Page - Texas Instruments TMS320F28044 Datasheet HTML 14Page - Texas Instruments TMS320F28044 Datasheet HTML 15Page - Texas Instruments TMS320F28044 Datasheet HTML 16Page - Texas Instruments TMS320F28044 Datasheet HTML 17Page - Texas Instruments TMS320F28044 Datasheet HTML 18Page - Texas Instruments TMS320F28044 Datasheet HTML 19Page - Texas Instruments TMS320F28044 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 115 page
background image
TMS320F28044
SPRS357C – AUGUST 2006 – REVISED JANUARY 2010
www.ti.com
Table 2-2. Signal Descriptions (continued)
PIN NO.
GGM/
NAME
DESCRIPTION (1)
PZ
ZGM
PIN #
BALL #
VDD
10
E2
VDD
42
G6
VDD
59
F10
CPU and Logic Digital Power Pins (1.8 V)
VDD
68
D7
VDD
85
B6
VDD
93
D4
VDDIO
3
C2
VDDIO
46
H7
Digital I/O Power Pin (3.3 V)
VDDIO
65
E9
VDDIO
82
A7
VSS
2
B1
VSS
11
E3
VSS
41
H6
VSS
49
K9
VSS
55
H10
VSS
62
F7
Digital Ground Pins
VSS
69
D10
VSS
77
A9
VSS
87
D6
VSS
89
A5
VSS
94
A4
GPIOA AND PERIPHERAL SIGNALS(2)
GPIO0
General purpose input/output 0 (I/O/Z) (3)
EPWM1A
Enhanced PWM1 Output and HRPWM channel (O)
47
K8
-
-
-
-
GPIO1
General purpose input/output 1 (I/O/Z)(3)
EPWM2A
Enhanced PWM2 Output A and HRPWM channel (O)
44
K7
-
-
-
-
GPIO2
General purpose input/output 2 (I/O/Z)(3)
EPWM3A
Enhanced PWM3 Output A and HRPWM channel (O)
45
J7
-
-
-
-
GPIO3
General purpose input/output 3 (I/O/Z)(3)
EPWM4A
Enhanced PWM4 Output A and HRPWM channel (O)
48
J8
-
-
-
-
GPIO4
General purpose input/output 4 (I/O/Z)(3)
EPWM5A
Enhanced PWM5 output A and HRPWM channel (O)
51
J9
-
-
-
-
GPIO5
General purpose input/output 5 (I/O/Z)(3)
EPWM6A
Enhanced PWM6 Output A and HRPWM channel (O)
53
H9
-
-
-
-
(2)
All GPIO pins are I/O/Z, 4-mA drive typical (unless otherwise indicated), and have an internal pullup, which can be selectively
enabled/disabled on a per-pin basis. This feature only applies to the GPIO pins. The GPIO function (shown in Italics) is the default at
reset. The peripheral signals that are listed under them are alternate functions.
(3)
The pullups on GPIO0–GPIO15 pins are not enabled at reset.
16
Introduction
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F28044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com