Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28044 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28044
Description  Digital Signal Processor
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28044 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320F28044 Datasheet HTML 77Page - Texas Instruments TMS320F28044 Datasheet HTML 78Page - Texas Instruments TMS320F28044 Datasheet HTML 79Page - Texas Instruments TMS320F28044 Datasheet HTML 80Page - Texas Instruments TMS320F28044 Datasheet HTML 81Page - Texas Instruments TMS320F28044 Datasheet HTML 82Page - Texas Instruments TMS320F28044 Datasheet HTML 83Page - Texas Instruments TMS320F28044 Datasheet HTML 84Page - Texas Instruments TMS320F28044 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 115 page
background image
C4
C3
XCLKOUT(B)
XCLKIN(A)
C5
C9
C10
C1
C8
C6
TMS320F28044
www.ti.com
SPRS357C – AUGUST 2006 – REVISED JANUARY 2010
A.
The relationship of XCLKIN to XCLKOUT depends on the divide factor chosen. The waveform relationship shown is
intended to illustrate the timing parameters only and may differ based on actual configuration.
B.
XCLKOUT configured to reflect SYSCLKOUT.
Figure 6-3. Clock Timing
6.8
Power Sequencing
No requirements are placed on the power up/down sequence of the various power pins to ensure the
correct reset state for all the modules. However, if the 3.3-V transistors in the level shifting output buffers
of the I/O pins are powered prior to the 1.8-V transistors, it is possible for the output buffers to turn on,
causing a glitch to occur on the pin during power up. To avoid this behavior, power the VDD pins prior to or
simultaneously with the VDDIO pins, ensuring that the VDD pins have reached 0.7 V before the VDDIO pins
reach 0.7 V.
There are some requirements on the XRS pin:
1. During power up, the XRS pin must be held low for tw(RSL1) after the input clock is stable (see
Table 6-9). This is to enable the entire device to start from a known condition.
2. During power down, the XRS pin must be pulled low at least 8 ms prior to VDD reaching 1.5 V. This is to
enhance flash reliability.
Additionally it is recommended that no voltage larger than a diode drop (0.7 V) should be applied to any
pin prior to powering up the device. Voltages applied to pins on an unpowered device can bias internal p-n
junctions in unintended ways and produce unpredictable results.
6.8.1
Power Management and Supervisory Circuit Solutions
Table 6-8 lists the power management and supervisory circuit solutions for F28044 DSP. LDO selection
depends on the total power consumed in the end application. Go to www.power.ti.com for a complete list
of TI power ICs or select the Reference Designs link for specific power reference designs.
Table 6-8. Power Management and Supervisory Circuit Solutions
SUPPLIER
TYPE
PART
DESCRIPTION
Texas Instruments
LDO
TPS767D301
Dual 1-A low-dropout regulator (LDO) with supply voltage supervisor (SVS)
Texas Instruments
LDO
TPS70202
Dual 500/250-mA LDO with SVS
Texas Instruments
LDO
TPS766xx
250-mA LDO with PG
Texas Instruments
SVS
TPS3808
Open Drain SVS with programmable delay
Texas Instruments
SVS
TPS3803
Low-cost Open-drain SVS with 5-mS delay
Texas Instruments
LDO
TPS799xx
200-mA LDO in WCSP package
Texas Instruments
LDO
TPS736xx
400-mA LDO with 40 mV of VDO
Texas Instruments
DC/DC
TPS62110
High Vin 1.2-A dc/dc converter in 4 x 4 QFN package
Texas Instruments
DC/DC
TPS6230x
500-mA converter in WCSP package
Copyright © 2006–2010, Texas Instruments Incorporated
Electrical Specifications
81
Submit Documentation Feedback
Product Folder Link(s): TMS320F28044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com