Electronic Components Datasheet Search
  English  ▼

X  

SC1405 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1405
Description  HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1405 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1405 Datasheet HTML 1Page - Semtech Corporation SC1405 Datasheet HTML 2Page - Semtech Corporation SC1405 Datasheet HTML 3Page - Semtech Corporation SC1405 Datasheet HTML 4Page - Semtech Corporation SC1405 Datasheet HTML 5Page - Semtech Corporation SC1405 Datasheet HTML 6Page - Semtech Corporation SC1405 Datasheet HTML 7Page - Semtech Corporation SC1405 Datasheet HTML 8Page - Semtech Corporation SC1405 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SC1405
HIGH SPEED SYNCHRONOUS POWER
MOSFET SMART DRIVER
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
August 31, 2000
5
PIN CONFIGURATION
NOTE:
(1) All logic level inputs and outputs are open collector TTL compatible.
PIN DESCRIPTION
Pin #
Pin Name
Pin Function
1
OVP_S
Overvoltage protection sense. External scaling resistors required to set
protection threshold.
2
EN
When high, this pin enables the internal circuitry of the device. When
low, TG, BG and PRDY are forced low and the supply current (5V) is
less than 10µA.
3
GND
Logic GND.
4
CO
TTL-level input signal to the MOSFET drivers.
5
S_MOD
When low, this signal forces BG to be low. When high, BG is not a
function of this signal.
6
DELAY_C
Sets the additional propagation delay for BG going low to TG going high.
Total propagation delay= 20ns + 1ns/pF.
7
PRDY
This pin indicates the status of 5V. When 5V is less than 4.4V(typ) this
output is driven low. When 5V is greater than or equals to 4.4V(typ) this
output is driven to 5V level. This output has a 10mA drive capability and
10µA sink capability.
8V
CC
+5V supply. A .22-1µF ceramic capacitor should be connected from 5V
to PGND very close to this pin.
9
BG
Output drive for the synchronous MOSFET.
10
PGND
Power ground. Connect to the synchronous FET power ground.
11
DSPS_DR
Dynamic Set Point Switch Drive. TTL level output signal. When S_MOD
is high, this pin follows the BG driver pin voltage.
12
DRN
This pin connects to the junction of the switching and synchronous
MOSFET’s. This pin can be subjected to a -2V minimum relative to
PGND without affecting operation.
13
TG
Output gate drive for the switching (high-side) MOSFET.
14
BST
Bootstrap pin. A capacitor is connected between BST and DRN pins to
develop the floating bootstrap voltage for the high-side MOSFET. The
capacitor value is typically between 0.1µF and 1µF (ceramic).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com