Electronic Components Datasheet Search
  English  ▼

X  

SC1405 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1405
Description  HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1405 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1405 Datasheet HTML 4Page - Semtech Corporation SC1405 Datasheet HTML 5Page - Semtech Corporation SC1405 Datasheet HTML 6Page - Semtech Corporation SC1405 Datasheet HTML 7Page - Semtech Corporation SC1405 Datasheet HTML 8Page - Semtech Corporation SC1405 Datasheet HTML 9Page - Semtech Corporation SC1405 Datasheet HTML 10Page - Semtech Corporation SC1405 Datasheet HTML 11Page - Semtech Corporation SC1405 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SC1405
HIGH SPEED SYNCHRONOUS POWER
MOSFET SMART DRIVER
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
August 31, 2000
10
ably less than .1” away. This capacitor will be added to
Ciss in the above equation to reduce the effective spike
voltage, Vspike.
The selection of the bottom MOSFET must be done with
attention paid to the Crss/Ciss ratio. A low ratio reduces
the Miller feedback and thus reduces Vspike. Also
MOSFETs with higher Turn-on threshold voltages will
conduct at a higher voltage and will not turn on during
the spike. The MOSFET shown in the schematic (figure
3) has a 2 volt threshold and will require approximately 5
volts Vgs to be conducting, thus reducing the possibility
of shoot-through. A zero ohm bottom FET gate resistor
will obviously help keeping the gate voltage low.
Ultimately, slowing down the top FET by adding gate re-
sistance will reduce di/dt which will in turn make the ef-
fective impedance of the capacitors higher, thus allowing
the BG driver to hold the bottom gate voltage low. It
does this at the expense of increased switching times (
and switching losses) for the top FET.
RINGING ON THE PHASE NODE
The top MOSFET source must be close to the bottom
MOSFET drain to prevent ringing and the possibility of
the phase node going negative.
This frequency is de-
termined by:
F
ring =1/(2¶* Sqrt(Lst*Coss))
Where:
L
st = The effective stray inductance of the top FET
added to trace inductance of the connection between top
FET’s source and the bottom FET’s drain added to the
trace resistance of the bottom FET’s ground connection.
Coss=Drain to source capacitance of bottom FET. If
there is a Schottky used, the capacitance of the Schottky
is added to the value.
Although this ringing does not pose any power losses
due to a fairly high Q, it could cause the phase node to
go too far negative, thus causing improper operation,
double pulsing or at worst driver damage. This ringing is
also an EMI nuisance due to its high resonant frequency.
Adding a capacitor, typically 1000-2000pf, in parallel with
Coss can often eliminate the EMI issue. If double puls-
ing is caused due to excessive ringing, placing 4.7-10
ohm resistor between the phase node and the DRN pin
of the SC1405 should eliminate the double pulsing.
Proper layout will guarantee minimum ringing and elimi-
nate the need for external components. Use of SO-8 or
other surface mount MOSFETs will reduce lead induc-
tance as well as radiated EMI.
ASYNCHRONOUS OPERATION
The SC1405 can be configured to operate in Asyn-
chronous mode by pulling S-MOD to logic LOW, thus
disabling the bottom FET drive. This has the effect of
saving power at light loads since the bottom FET’s
gate capacitance does not have to charged at the
switching frequency. There can be a significant sav-
ings since the bottom driver can supply up to 2A pulses
to the FET at the switching frequency. There is an ad-
ditional efficiency benefit to operating in asynchronous
mode. When operating in synchronous mode, the in-
ductor current can go negative and flow in reverse di-
rection when the bottom FET is on and the DC load is
less than 1/2 inductor ripple current. At that point, the
inductor core and wire losses, depending on the mag-
nitude of the ripple current, can be quite significant.
Operating in asynchronous mode at light loads effec-
tively only charges the inductor by as much as needed
to supply the load current, since the inductor never
completely discharges at light loads. DC regulation
can be an issue depending on the type of controller
used and minimum load required to maintain regula-
tion. If there are no Schottkys used in parallel with bot-
tom FET, the FET’s body diode will need to conduct in
asynchronous mode. The high voltage drop of this
diode must be considered when determining the crite-
ria for this mode of operation.
DSPS DR
This pin produces an output which is a logical duplicate
of the bottom FET’s gate drive, if S-MOD is held LOW.
OVP_S/OVER TEMP SHUTDOWN
Output over-voltage protection may be implemented on
the SC1405 independent of the PWM controller . A
voltage divider from the output is compared with the
internal bandgap voltage of 1.2V (typical). Upon ex-
ceeding this voltage, the overvoltage comparator dis-
ables the top FET, while turning on the bottom FET to
allow discharge of the output capacitors excessive volt-
age through the output inductor. There should be suffi-
cient RC time constant as well as voltage headroom on
the OVP_S pin to assure it does not enter overvoltage
mode inadvertently. The SC1405 will shutdown if its Tj
exceeds 165 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com