Electronic Components Datasheet Search
  English  ▼

X  

SC1405 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1405
Description  HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1405 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1405 Datasheet HTML 4Page - Semtech Corporation SC1405 Datasheet HTML 5Page - Semtech Corporation SC1405 Datasheet HTML 6Page - Semtech Corporation SC1405 Datasheet HTML 7Page - Semtech Corporation SC1405 Datasheet HTML 8Page - Semtech Corporation SC1405 Datasheet HTML 9Page - Semtech Corporation SC1405 Datasheet HTML 10Page - Semtech Corporation SC1405 Datasheet HTML 11Page - Semtech Corporation SC1405 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SC1405
HIGH SPEED SYNCHRONOUS POWER
MOSFET SMART DRIVER
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
August 31, 2000
11
Performance diagrams, Application Evaluation Board. (Fig.3)
Figure 4-Timing diagram:
Ch1:CO input
Ch2:TG drive
Ch3:BG non-overlap drive
Ch4:phase node
Iout=20A (10A/phase)
Refer to Eval. Schematic
(fig.3)
Figure 5-Timing diagram:
Rise/Fall times
Ch1:TG drive
Ch2:BG drive
Cursor:Tpdh
TG
Iout=20A (10A/phase)
Refer to Eval. Schematic
(fig.3)
Vin=10V, Vout=2V TOP FET IR7811, Bottom
FET IR7030(L) Qg(tot)=35nc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com