Electronic Components Datasheet Search
  English  ▼

X  

2N4401RLRPG Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2N4401RLRPG
Description  General Purpose Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4401RLRPG Datasheet(HTML) 5 Page - ON Semiconductor

  2N4401RLRPG Datasheet HTML 1Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 2Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 3Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 4Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 5Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 6Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2N4401
http://onsemi.com
5
h PARAMETERS
VCE = 10 Vdc, f = 1.0 kHz, TA = 25°C
This group of graphs illustrates the relationship between
hfe and other “h” parameters for this series of transistors. To
obtain these curves, a high−gain and a low−gain unit were
selected from the 2N4401 lines, and the same units were
used to develop the correspondingly numbered curves on
each graph.
Figure 11. Current Gain
IC, COLLECTOR CURRENT (mA)
0.1
0.2
0.5 0.7 1.0
2.0
3.0
10
0.3
100
200
20
70
50
300
Figure 12. Input Impedance
IC, COLLECTOR CURRENT (mA)
50k
500
30
5.0 7.0
20k
10k
5.0k
2.0k
1.0k
0.1
0.2
0.5 0.7
1.0
2.0
3.0
10
0.3
5.0 7.0
Figure 13. Voltage Feedback Ratio
IC, COLLECTOR CURRENT (mA)
0.1
0.2
0.5 0.7
1.0
2.0
3.0
10
0.3
0.2
10
Figure 14. Output Admittance
IC, COLLECTOR CURRENT (mA)
100
1.0
5.0 7.0
50
20
10
5.0
2.0
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
2N4401 UNIT 1
2N4401 UNIT 2
2N4401 UNIT 1
2N4401 UNIT 2
2N4401 UNIT 1
2N4401 UNIT 2
2N4401 UNIT 1
2N4401 UNIT 2
0.1
0.2
0.5 0.7 1.0
2.0 3.0
10
0.3
5.0 7.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com