Electronic Components Datasheet Search
  English  ▼

X  

2N4401RLRPG Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N4401RLRPG
Description  General Purpose Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4401RLRPG Datasheet(HTML) 3 Page - ON Semiconductor

  2N4401RLRPG Datasheet HTML 1Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 2Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 3Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 4Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 5Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 6Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N4401
http://onsemi.com
3
Figure 1. Turn−On Time
Figure 2. Turn−Off Time
SWITCHING TIME EQUIVALENT TEST CIRCUITS
Scope rise time < 4.0 ns
*Total shunt capacitance of test jig connectors, and oscilloscope
+16 V
-2.0 V
< 2.0 ns
0
1.0 to 100
ms,
DUTY CYCLE
≈ 2.0%
1.0 k
W
+30 V
200
W
CS* < 10 pF
+16 V
-14 V
0
< 20 ns
1.0 to 100
ms,
DUTY CYCLE
≈ 2.0%
1.0 k
W
+30 V
200
W
CS* < 10 pF
-4.0 V
Figure 3. Capacitances
REVERSE VOLTAGE (VOLTS)
7.0
10
20
30
5.0
Figure 4. Charge Data
IC, COLLECTOR CURRENT (mA)
0.1
2.0
5.0
10
20
2.0
30
50
3.0
2.0
3.0
5.0
7.0
10
1.0
10
20
50
70
100
200
0.1
300
500
0.7
0.5
VCC = 30 V
IC/IB = 10
Cobo
QT
QA
25
°C
100
°C
TRANSIENT CHARACTERISTICS
3.0
1.0
0.5
0.3
0.2
0.3
0.2
30
Ccb
Figure 5. Turn−On Time
IC, COLLECTOR CURRENT (mA)
20
30
50
5.0
10
7.0
Figure 6. Rise and Fall Times
IC, COLLECTOR CURRENT (mA)
70
100
10
20
50
70
100
200
300
500
30
IC/IB = 10
tr @ VCC = 30 V
tr @ VCC = 10 V
td @ VEB = 2.0 V
td @ VEB = 0
20
30
50
5.0
10
7.0
70
100
10
20
50
70
100
200
300
500
30
VCC = 30 V
IC/IB = 10
tr
tf



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com