Electronic Components Datasheet Search
  English  ▼

X  

2N4401RLRPG Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N4401RLRPG
Description  General Purpose Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4401RLRPG Datasheet(HTML) 4 Page - ON Semiconductor

  2N4401RLRPG Datasheet HTML 1Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 2Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 3Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 4Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 5Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 6Page - ON Semiconductor 2N4401RLRPG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2N4401
http://onsemi.com
4
Figure 7. Storage Time
IC, COLLECTOR CURRENT (mA)
Figure 8. Fall Time
IC, COLLECTOR CURRENT (mA)
20
30
50
70
100
10
5.0
7.0
10
20
50
70
100
200
300
500
30
100
200
30
70
50
300
10
20
50
70
100
200
300
500
30
ts′ = ts - 1/8 tf
IB1 = IB2
IC/IB = 10 to 20
VCC = 30 V
IB1 = IB2
IC/IB = 20
IC/IB = 10
6.0
8.0
10
0
4.0
2.0
0.1
2.0 5.0
10
20
50
1.0
0.5
0.2
0.01 0.02 0.05
100
Figure 9. Frequency Effects
f, FREQUENCY (kHz)
SMALL−SIGNAL CHARACTERISTICS
NOISE FIGURE
VCE = 10 Vdc, TA = 25°C; Bandwidth = 1.0 Hz
IC = 1.0 mA, RS = 150 W
IC = 500 mA, RS = 200 W
IC = 100 mA, RS = 2.0 kW
IC = 50 mA, RS = 4.0 kW
RS = OPTIMUM
RS = SOURCE
RS = RESISTANCE
100k
50
100 200
500 1.0k 2.0k
5.0k 10k
20k
50k
6.0
8.0
10
0
4.0
2.0
Figure 10. Source Resistance Effects
RS, SOURCE RESISTANCE (OHMS)
f = 1.0 kHz
IC = 50 mA
IC = 100 mA
IC = 500 mA
IC = 1.0 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com