Electronic Components Datasheet Search
  English  ▼

X  

AS8221 Datasheet(PDF) 9 Page - ams AG

Part # AS8221
Description  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221 Datasheet(HTML) 9 Page - ams AG

Back Button AS8221_2 Datasheet HTML 5Page - ams AG AS8221_2 Datasheet HTML 6Page - ams AG AS8221_2 Datasheet HTML 7Page - ams AG AS8221_2 Datasheet HTML 8Page - ams AG AS8221_2 Datasheet HTML 9Page - ams AG AS8221_2 Datasheet HTML 10Page - ams AG AS8221_2 Datasheet HTML 11Page - ams AG AS8221_2 Datasheet HTML 12Page - ams AG AS8221_2 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
AS8221
Datasheet - Electrical Character i s t ics
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
9 - 41
Receiver
RBP, RBM
BP, BM input resistance
Idle mode; RBUS=∞
10
25
40
K
Ω
RDIFF
BP, BM differential input
resistance
Idle mode; RBUS=∞
20
50
80
K
Ω
VBPidle,
VBMidle
Idle voltage in non-low-power
modes on pin BP, BM
Non-low-power modes;
VTxEN = VIO
Load on BM/BM: 40
Ω || 100pF
0.4 *
VCC
0.5 *
VCC
0.6 *
VCC
V
VBPidle_low, VBMidle_low Idle voltage in low-power modes
on pin BP, BM
Low-power modes
Load on BM/BM: 40
Ω || 100pF
-0.2
0
+0.2
V
IBPidle
Absolute idle output current on
pin BP
-40V < VBP < 50V
02
7.5
mA
IBMidle
Absolute idle output current on
pin BM
-40V < VBM < 50V
02
7.5
mA
IBPleak,
IBMleak
Absolute leakage current, when
not powered
VBP = VBM = 5V, VCC = 0V,
VBAT = 0V; VIO = 0V
07
+25
µA
VBUSActiveHigh
Activity detection differential input
voltage high
Non-low-power modes;
VRECEIVE_COM:
-10V < (VBP, VBM) < 15V
150
225
400
mV
VBUSActiveLow
Activity detection differential input
voltage low
Non-low-power modes;
VRECEIVE_COM:
-10V < (VBP, VBM)< 15V
-400
-225
-150
mV
VData1
Data1 detection differential input
voltage
Pre-condition: activity already
detected. Non-low-power modes;
VRECEIVE_COM:
-10V < (VBP, VBM)< 15V
150
225
300
mV
VData0
Data0 detection differential input
voltage
Pre-condition: activity already
detected. Non-low-power modes;
VRECEIVE_COM:
-10V < (VBP, VBM)< 15V
-300
-225
-150
mV
VDataErr
Mismatch between Data0 and
Data1 differential input voltage
2 x (
⎜⎜VData0⎜- ⎜VData1⎜⎜) /
(
⎜VData0⎜+⎜VData1⎜)
(see footnote 2)
10
%
VRECEIVE_COM
Max. common mode voltage
range when receiving
Non-low-power modes
-10
+15
V
tBUS_RxD10
Delay from BUS to RxD negative
edge
CRxD = 15 pF
(see footnote 3)
36
80
ns
tBUS_RxD01
Delay from BUS to RxD positive
edge
CRxD = 15 pF
(see footnote 3)
36
80
ns
tBIT
Bit time
CRxD = 15 pF
(see footnote 3)
54
ns
tRxD_ASYM
Delay time from BUS to RxD
mismatch
CRXD=15 pF;
|tBUS_RxD10- tBUS_RxD01|
(see footnote 3)
(see footnote 4)
05
ns
tRxD_FALL
Fall time RxD voltage
80% - 20% of VRxD;
CRxD=15 pF
(see footnote 3)
25
ns
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com