Electronic Components Datasheet Search
  English  ▼

X  

AS8221 Datasheet(PDF) 1 Page - ams AG

Part # AS8221
Description  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221 Datasheet(HTML) 1 Page - ams AG

  AS8221_2 Datasheet HTML 1Page - ams AG AS8221_2 Datasheet HTML 2Page - ams AG AS8221_2 Datasheet HTML 3Page - ams AG AS8221_2 Datasheet HTML 4Page - ams AG AS8221_2 Datasheet HTML 5Page - ams AG AS8221_2 Datasheet HTML 6Page - ams AG AS8221_2 Datasheet HTML 7Page - ams AG AS8221_2 Datasheet HTML 8Page - ams AG AS8221_2 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Datasheet
AS8221
FlexRay Standard Transceiver
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
1 - 41
1 General Description
This document is subject to change without notice.
The AS8221 is a high speed automotive bus driver fully conforming
to the FlexRay Electrical Physical Layer Specification V2.1 Rev B.
The AS8221 operates as a bi-directional interface between the
FlexRay Communication Controller and the twisted-pair copper
wiring.
The AS8221 provides an optimized host controller interface
consisting of three low-active pins. The Enable (EN) and Standby
(STBN) input pins for mode handling by the microcontroller and the
Error (ERRN) out pin where system, chip failures or status
information are signalled to the microcontroller. Signalling logic high
on the Enable and Standby pin the device will enter NORMAL mode
in case no fault condition is given and in this mode the device is fully
operational meaning FlexRay communication is possible.
Additionally, a RECEIVE-0NLY mode is implemented, which can be
accessed by the microcontroller where only FlexRay streams can be
received in order to avoid unwanted disturbances on the FlexRay
bus while listening to the bus traffic. In the low-power modes
(STANDBY and SLEEP mode) very low power consumption is
achieved.
In case of undervoltage at one of the supply voltages (VBAT, VCC,
and VIO) the device will change its mode to a low-power mode
(either STANDBY or SLEEP mode) and the device will signal an
error accordingly. In case of low voltage is detected on both VBAT
and VCC the device will enter the POWER-OFF mode, where no
operation is possible. A safe mechanism from the low-power modes
to POWER-OFF mode and vice versa is implemented ensuring that
no deadlock can happen during the startup phase.
Ensuring application in safety critical environments a two wire bus-
guardian interface is implemented where additional monitoring
circuitries on the electronic-control-unit can activate and deactivate
the transmitter and additionally on the receive enable output (RxEN)
in low-power modes the wake conditions and in normal power
modes the received FlexRay streams can be monitored.
A thermal sensor circuit with an integral shutdown mechanism
prevents damage to the device in extreme temperature conditions.
The symmetrical transient control for the high- and low-side driver for
both the bus-minus (BM) and bus-plus (BP) line allows an ideal
balance of communications over different network topologies, with
excellent EMC performance.
2 Key Features
Compliant with FlexRay Electrical Physical Layer Specification
V2.1 Rev. B
Data transfer up to 10 Mbps
Excellent EMC performance. High common mode range ensure
excellent EMI
Interface for Bus Guardian or supervision circuits
Automatic thermal shutdown protection
Supports 12V and 24V systems with very low sleep current
Integrated power management system
- Two inhibit pins for external voltage supply control
- Local wake-up input
- Remote wake-up capability via FlexRay bus in low-power
modes
Supports 2.5, 3, 3.3, 5 V microcontrollers, automatic adaptation
to digital interface levels
Protection against damage due to short circuit conditions on the
bus (positive and negative battery voltage)
Operating temperature range -40ºC to +125ºC
Lead-free SSOP20 package
3 Applications
The AS8221 FlexRay Standard Transceiver is best fitting for
automotive FlexRay nodes where bus wake-up and voltage regulator
control for voltage supplies is needed.
The device addresses all ECUs connected to the permanent battery
supply (clamp 30). The AS8221 can be used as only ECU wake-up
component with very low power consumption in SLEEP mode.


Similar Part No. - AS8221_2

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8221-ASSP AMSCO-AS8221-ASSP Datasheet
867Kb / 42P
FlexRay Standard Transceiver
AS8221-ASST AMSCO-AS8221-ASST Datasheet
1Mb / 4P
FlexRay Standard Transceiver
AS8221-ASSU AMSCO-AS8221-ASSU Datasheet
1Mb / 4P
FlexRay Standard Transceiver
AS8221 AMSCO-AS8221_1 Datasheet
1Mb / 4P
FlexRay Standard Transceiver
AS8221_V3 AMSCO-AS8221_V3 Datasheet
867Kb / 42P
FlexRay Standard Transceiver
More results

Similar Description - AS8221_2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1080 PHILIPS-TJA1080 Datasheet
209Kb / 44P
FlexRay transceiver
Rev. 01-20 July 2006
logo
ELMOS Semiconductor AG
E910.54 ELMOS-E910.54 Datasheet
174Kb / 2P
FlexRay??Transceiver
logo
NXP Semiconductors
TJA1080A NXP-TJA1080A Datasheet
232Kb / 50P
FlexRay transceiver
Rev. 02-26 August 2008
MF3ICD8101 PHILIPS-MF3ICD8101 Datasheet
227Kb / 49P
FlexRay transceiver
Rev. 04-19 February 2009
logo
ams AG
AS8221 AMSCO-AS8221_1 Datasheet
1Mb / 4P
FlexRay Standard Transceiver
AS8221_V3 AMSCO-AS8221_V3 Datasheet
867Kb / 42P
FlexRay Standard Transceiver
AS8222 AMSCO-AS8222 Datasheet
1Mb / 43P
Enhanced FlexRay Standard Transceiver
logo
Infineon Technologies A...
TLE9222 INFINEON-TLE9222_15 Datasheet
1Mb / 43P
FlexRay Transceiver
Rev. 1.0, 2015-06-12
TLE9221SX INFINEON-TLE9221SX_15 Datasheet
3Mb / 99P
FlexRay Transceiver
Rev. 1.3, 2015-09-21
TLE9222 INFINEON-TLE9222_17 Datasheet
1Mb / 43P
FlexRay Transceiver
Rev. 1.2 2017-10-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com