Electronic Components Datasheet Search
  English  ▼

X  

AS8221 Datasheet(PDF) 5 Page - ams AG

Part # AS8221
Description  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221 Datasheet(HTML) 5 Page - ams AG

  AS8221_2 Datasheet HTML 1Page - ams AG AS8221_2 Datasheet HTML 2Page - ams AG AS8221_2 Datasheet HTML 3Page - ams AG AS8221_2 Datasheet HTML 4Page - ams AG AS8221_2 Datasheet HTML 5Page - ams AG AS8221_2 Datasheet HTML 6Page - ams AG AS8221_2 Datasheet HTML 7Page - ams AG AS8221_2 Datasheet HTML 8Page - ams AG AS8221_2 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
AS8221
Datasheet - Pin Assignm ents
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
5 - 41
4 Pin Assignments
Figure 2. Pin Assignments SSOP20 Package
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Pin Type
Description
INH2
1
Analog I/O
Analog Output. Inhibit 2 output for switching external voltage regulator
INH1
2
Analog Output. Inhibit 1 output for switching external voltage regulator
EN
3
Digital input with pull-down Digital Input. Enable input
VIO
4
Supply pad
Supply Voltage. I/O supply voltage
TxD
5
Digital input with pull-down Digital Input. Transmit data input
TxEN
6
Digital input with pull-up
Digital Input. Transmitter enable input
RxD
7
Digital output
Digital Output. Receive data output
BGE
8
Digital input with pull-down
Digital Input. Bus guardian enable input
STBN
9
Digital Input. Standby input
Reserved
10
Analog/digital input/output
with pull-down
To be connected to GND or to be unconnected
Not used
11
-
RxEN
12
Digital output
Digital Output. Receive data enable output
ERRN
13
Digital Output. Error diagnosis output and wake status output
VBAT
14
Supply pad
Supply Voltage. Battery supply voltage
WAKE
15
Analog I/O
Analog Input. Local wake-up input
GND
16
Supply pad
Ground
BM
17
Analog I/O
Analog Input/Output. Bus line Minus
BP
18
Analog Input/Output. Bus line Plus
VCC
19
Supply pad
Supply voltage
Not used
20
-
INH1
EN
VIO
TxD
TxEN
RxD
BGE
STBN
VCC
BP
BM
GND
WAKE
VBAT
ERRN
RxEN
INH2
Reserved
n.u
n.u
1
2
3
4
5
6
7
8
9
10
16
20
19
18
17
15
14
13
11
12
AS8221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com