Electronic Components Datasheet Search
  English  ▼

X  

AS8221 Datasheet(PDF) 6 Page - ams AG

Part # AS8221
Description  FlexRay Standard Transceiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221 Datasheet(HTML) 6 Page - ams AG

Back Button AS8221_2 Datasheet HTML 2Page - ams AG AS8221_2 Datasheet HTML 3Page - ams AG AS8221_2 Datasheet HTML 4Page - ams AG AS8221_2 Datasheet HTML 5Page - ams AG AS8221_2 Datasheet HTML 6Page - ams AG AS8221_2 Datasheet HTML 7Page - ams AG AS8221_2 Datasheet HTML 8Page - ams AG AS8221_2 Datasheet HTML 9Page - ams AG AS8221_2 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
AS8221
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
www.austriamicrosystems.com/flexray/AS8221
Revision 1.4
6 - 41
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only. Functional operation of the
device at these or any other conditions beyond those indicated in Electrical Characteristics on page 7 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
Battery Supply Voltage (VBAT)
-0.3
+50
V
Supply Voltage (VCC)
-0.3
+7.0
V
Supply Voltage (VIO)
-0.3
+7.0
V
DC Voltage at EN, STBN, ERRN, TxD, RxD,
TxEN, BGE, RxEN
-0.3
VIO + 0.3
V
VIO < VCC
DC Voltage on pin WAKE, INH1, INH2
-0.3
VBAT + 0.3
DC Voltage at BP and BM
-40
+50
V
Input current (latchup immunity)
-100
100
mA
According to JEDEC 78
Electrostatic discharge at bus lines BP, BM,
VBAT, WAKE
-4
+4
kV
According to AEC-Q100-002
Electrostatic discharge
-2
+2
kV
According to AEC-Q100-002
Transient voltage on BP, BM
-200
+200
V
According to ISO7637 part3 test pulses a and b;
class C; RL=45
Ω, CL= 100 pF;
(see Figure 18 on page 30).
Transient voltage on VBAT
-200
+200
V
According to ISO7637 part2 test pulses 1, 2, 3a
and 3b; class C; RL=45
Ω, CL= 100 pF;
(see Figure 18 on page 30).
+6.5
+50
V
According to ISO7637 part2 test pulse 4; class C;
RL=45
Ω, CL= 100 pF;
(see Figure 18 on page 30).
+50
According to ISO7637 part2 test pulse 5b;
class C; RL=45
Ω, CL= 100 pF;
(see Figure 18 on page 30).
Total power dissipation (all supplies and outputs)
150
mW
Storage temperature
-55
+150
ºC
Junction temperature
-40
+150
ºC
Package body temperature
260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State
Surface Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).
Humidity non-condensing
5
85
%
Moisture Sensitivity Level
3
Represents a maximum floor life time of 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com